Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3301 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP3301
Description  13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3301 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP3301 Datasheet HTML 17Page - Microchip Technology MCP3301 Datasheet HTML 18Page - Microchip Technology MCP3301 Datasheet HTML 19Page - Microchip Technology MCP3301 Datasheet HTML 20Page - Microchip Technology MCP3301 Datasheet HTML 21Page - Microchip Technology MCP3301 Datasheet HTML 22Page - Microchip Technology MCP3301 Datasheet HTML 23Page - Microchip Technology MCP3301 Datasheet HTML 24Page - Microchip Technology MCP3301 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
 2002 Microchip Technology Inc.
DS21700B-page 21
MCP3301
7.2
Communicating with the MCP3301
Communication with the device is completed using a
standard SPI compatible serial interface. Initiating
communication with the MCP3301 begins with the CS
going low. If the device was powered up with the CS pin
low, it must be brought high and back low to initiate
communication. The device will begin to sample the
analog input on the first rising edge of CLK after CS
goes low. The sample period will end in the falling edge
of the second clock, at which time the device will output
a low null bit. The next 13 clocks will output the result
of the conversion with the sign bit first, followed by the
12 remaining data bits, as shown in Figure 7-2. Data is
always output from the device on the falling edge of the
clock. If all 13 data bits have been transmitted and the
device continues to receive clocks while the CS is held
low, the device will output the conversion result LSB
first, as shown in Figure 7-3. If more clocks are pro-
vided to the device while CS is still low (after the LSB
first data has been transmitted), the device will clock
out zeros indefinitely.
FIGURE 7-2:
Communication with MCP3301 (MSB first Format).
FIGURE 7-3:
Communication with MCP3301 (LSB first Format).
CS
CLK
D
OUT
tSAMPLE
Power
Down
t
SUCS
tACQ
t
CONV
t
DATA**
* After completing the data transfer, if further clocks are applied with CS low, the ADC will output LSB first data,
followed by zeros indefinitely. See Figure 7-2 below.
** t
DATA: during this time, the bias current and the comparator power down and the reference input becomes a
high impedance node, leaving the CLK running to clock out the LSB-first data or zeros.
t
CSH
NULL
BIT
B11 B10 B9
B8
B7
B6
B5
B4
B3
B2
B1 B0*
HI-Z
HI-Z
NULL
BIT
SB B11 B10 B9
SB
CS
CLK
D
OUT
tSAMPLE
Power Down
t
SUCS
tACQ
t
CONV
t
DATA**
* After completing the data transfer, if further clocks are applied with CS low, the ADC will output zeros indefi-
nitely.
** t
DATA: during this time, the bias current and the comparator power down and the reference input becomes a
high impedance node, leaving the CLK running to clock out the LSB-first data or zeros.
t
CSH
NULL
BIT
B11 B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
HI-Z
B1
B2
B3
B4
B5
B6
B7
B8
B9 B10
SB
*
HI-Z
SB
B11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com