Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB-E63C Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LB-E63C
Description  white PLCC-4 package, colorless clear resin
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LB-E63C Datasheet(HTML) 5 Page - OSRAM GmbH

  LB-E63C Datasheet HTML 1Page - OSRAM GmbH LB-E63C Datasheet HTML 2Page - OSRAM GmbH LB-E63C Datasheet HTML 3Page - OSRAM GmbH LB-E63C Datasheet HTML 4Page - OSRAM GmbH LB-E63C Datasheet HTML 5Page - OSRAM GmbH LB-E63C Datasheet HTML 6Page - OSRAM GmbH LB-E63C Datasheet HTML 7Page - OSRAM GmbH LB-E63C Datasheet HTML 8Page - OSRAM GmbH LB-E63C Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Version 2.3
LB E63C
2016-06-02
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups 4) page 21
Durchlassspannungsgruppen 4) Seite 21
Dominant Wavelength Groups
3) page 21
Dominant Wellenlängengruppen
3) Seite 21
Group
Partial Flux 1) page 21
Partial Flux
Luminous Flux 7) page 21
Gruppe
Partieller Lichtfluss
1) Seite 21
Partieller Lichtfluss
Lichtstrom 7) Seite 21
(min.) E
v [lux]
(max.) E
v [lux]
(typ.) Φ
V [mlm]
T2
355
450
200
U1
450
560
300
U2
560
710
400
V1
710
900
500
V2
900
1120
600
AA
1120
1400
800
Group
Gruppe
(min.) V
F [V]
(max.) V
F [V]
2
2.90
3.30
3
3.30
3.80
4
3.80
4.40
Group
blue
Gruppe
(min.) λdom
[nm]
(max.) λdom
[nm]
3
463
467
4
467
471
5
471
475
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com