Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB-Q39G Datasheet(PDF) 2 Page - OSRAM GmbH

Part # LB-Q39G
Description  SMT package 0603, colorless diffused resin
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LB-Q39G Datasheet(HTML) 2 Page - OSRAM GmbH

  LB-Q39G Datasheet HTML 1Page - OSRAM GmbH LB-Q39G Datasheet HTML 2Page - OSRAM GmbH LB-Q39G Datasheet HTML 3Page - OSRAM GmbH LB-Q39G Datasheet HTML 4Page - OSRAM GmbH LB-Q39G Datasheet HTML 5Page - OSRAM GmbH LB-Q39G Datasheet HTML 6Page - OSRAM GmbH LB-Q39G Datasheet HTML 7Page - OSRAM GmbH LB-Q39G Datasheet HTML 8Page - OSRAM GmbH LB-Q39G Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2015-09-01
2
Version 1.4
LB Q39G
Ordering Information
Bestellinformation
Type:
Luminous Intensity 1) page 20
Ordering Code
Typ:
Lichtstärke 1) Seite 20
Bestellnummer
I
F = 5 mA
Iv [mcd]
LB Q39G-N1OO-35-1
≥ 28
Q65110A7940
Note: Only one group will be shipped on each packing unit.
Anm.: Es wird nur eine Gruppe pro Verpackungseinheit geliefert.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com