Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB-T776 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LB-T776
Description  white SMT package, colorless clear resin
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LB-T776 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LB-T776 Datasheet HTML 6Page - OSRAM GmbH LB-T776 Datasheet HTML 7Page - OSRAM GmbH LB-T776 Datasheet HTML 8Page - OSRAM GmbH LB-T776 Datasheet HTML 9Page - OSRAM GmbH LB-T776 Datasheet HTML 10Page - OSRAM GmbH LB-T776 Datasheet HTML 11Page - OSRAM GmbH LB-T776 Datasheet HTML 12Page - OSRAM GmbH LB-T776 Datasheet HTML 13Page - OSRAM GmbH LB-T776 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
2006-03-15
10
LB T776
Empfohlenes Lötpaddesign
8) 9) Seite 15
IR Reflow Löten
Recommended Solder Pad
8) 9)
page 15
IR Reflow Soldering
OHLPY977
1.2 (0.047)
6 (0.236)
heat dissipation
Cu-area > 16 mm
Cu-Fläche > 16 mm
2
for improved
Wärmeableitung
für verbesserte
Padgeometrie
Paddesign
2
Solder resist
Lötstopplack
6 (0.236)
1.2 (0.047)
Hole on PCB
2.8 (0.110)
2.4 (0.094)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com