Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR-E6SF Datasheet(PDF) 17 Page - OSRAM GmbH

Part # LR-E6SF
Description  white P-LCC-4 package, colorless clear silicone resin
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LR-E6SF Datasheet(HTML) 17 Page - OSRAM GmbH

Back Button LR-E6SF Datasheet HTML 10Page - OSRAM GmbH LR-E6SF Datasheet HTML 11Page - OSRAM GmbH LR-E6SF Datasheet HTML 12Page - OSRAM GmbH LR-E6SF Datasheet HTML 13Page - OSRAM GmbH LR-E6SF Datasheet HTML 14Page - OSRAM GmbH LR-E6SF Datasheet HTML 15Page - OSRAM GmbH LR-E6SF Datasheet HTML 16Page - OSRAM GmbH LR-E6SF Datasheet HTML 17Page - OSRAM GmbH LR-E6SF Datasheet HTML 18Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
LS E6SF, LR E6SF, LA E6SF, LO E6SF, LY E6SF
2010-01-15
17
Attention please!
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved. Due to technical requirements components may contain
dangerous substances. For information on the types in question please contact our Sales Organization.
If printed or downloaded, please find the latest version in the Internet.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest sales office.
By agreement we will take packing material back, if it is sorted. You must bear the costs of transport. For packing
material that is returned to us unsorted or which we are not obliged to accept, we shall have to invoice you for any costs
incurred.
Components used in life-support devices or systems must be expressly authorized for such purpose! Critical
components
9) page 18 may only be used in life-support devices or systems10) page 18 with the express written approval of
OSRAM OS.
Revision History: 2010-01-15
Previous Version:
2009-08-19
Page
Subjects (major changes since last revision)
Date of change
1; 4
Dominant wavelength, typical Value for yellow
2005-11-02
2
Ordering Information
2005-12-19
all
OS-PCN-2006-027
2007-11-26
3
Junction temperature >150 °C for short term applications added
2007-12-13
8
Target median Lifetime table added
2007-12-13
17
laser warning removed; new classification regarding CIE S009/E:2002
("photobiological safety of lamps and lamp systems")-
IEC 62471 (1st edition 2006-07).
2008-04-28
all
Dual binning for Stop/Tail Light application added
2008-04-28
1
product photo updated
2009-08-19
2
Ordering code (amber, red) changed
2010-01-15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com