Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDP16 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MDP16
Description  Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MDP16 Datasheet(HTML) 4 Page - Vishay Siliconix

  MDP16 Datasheet HTML 1Page - Vishay Siliconix MDP16 Datasheet HTML 2Page - Vishay Siliconix MDP16 Datasheet HTML 3Page - Vishay Siliconix MDP16 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.vishay.com
43
MDP 14, 16
Vishay Dale
Document Number: 31511
Revision 06-Aug-02
For Technical Questions, contact: ff2aresistors@vishay.com
PERFORMANCE
TEST
Power Conditioning
Thermal Shock
Short Time Overload
Low Temperature Operation
Moisture Resistance
Resistance to Soldering Heat
Shock
Vibration
Load Life
Terminal Strength
Insulation Resistance
Dielectric Withstanding Voltage
Thick Film Resistor Networks, DIP, Molded
MAX.
∆R
(Typical Test Lots)
± 0.50% ∆R
± 0.50% ∆R
± 0.25% ∆R
± 0.25% ∆R
± 0.50% ∆R
± 0.25% ∆R
± 0.25% ∆R
± 0.25% ∆R
± 1.00% ∆R
± 0.25% ∆R
—
—
CONDITIONS
1.5 rated power, applied 1.5 hours “ON” and 0.5 hour “OFF” for 100 hours
± 4 hours at + 25°C ambient temperature
5 cycles between - 65
°C and + 125°C
2.5 x rated working voltage 5 seconds
45 minutes at full rated working voltage at - 65
°C
240 hours with humidity ranging from 80% RH to 98% RH
Leads immersed in + 350
°C solder to within 1/16" of device body for 3
seconds
Total of 18 shocks at 100 G's
12 hours at maximum of 20 G's between 10 and 2,000 Hz
1000 hours at + 70
°C, rated power applied 1.5 hours “ON, 0.5 hour “OFF” for
full 1000 hour period. Derated according to the curve.
4.5 pound pull for 30 seconds
10,000 Megohm (minimum)
No evidence of arcing or damage (200 VRMS for 1 minute)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com