Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-7773 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH-7773
Description  Umgebungslicht- und N채herungssensor mit IR Emitter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-7773 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH-7773 Datasheet HTML 1Page - OSRAM GmbH SFH-7773 Datasheet HTML 2Page - OSRAM GmbH SFH-7773 Datasheet HTML 3Page - OSRAM GmbH SFH-7773 Datasheet HTML 4Page - OSRAM GmbH SFH-7773 Datasheet HTML 5Page - OSRAM GmbH SFH-7773 Datasheet HTML 6Page - OSRAM GmbH SFH-7773 Datasheet HTML 7Page - OSRAM GmbH SFH-7773 Datasheet HTML 8Page - OSRAM GmbH SFH-7773 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
SFH 7773
2013-03-01
4
Measurement modes
If VDD exceeds the threshold-voltage , the sensor will switch from OFF mode to STAND-BY mode. As
shown in the transition-diagram above it is possible to switch between all modes without any restriction.
The transition time between modes (ttrans) is < 10ms. The delay time between STAND-BY and start of
measurement is max. 10ms for the ambient light sensor.
OFF
IDD is below 2μA and the device is inactive. Other units may use the I
2C bus without
any restrictions; I/O pins and INT are in Z state. There is no sink current through the
LED
STAND-BY
This is the initial mode after power-up. IDD is below 5μA. No measurement is
performed. Device can be activated by I2C bus communication. Data registers can
be read and written. The data will be stored in the registers when the device goes
from TRIGGERED or FREE-RUNNING to STAND-BY.
TRIGGERED
Every measurement is separately initiated by MCU. This mode can be used for
ambient light sensor and proximity sensor. Measurement data are available in the
registers after a defined delay time.
FREE-RUNNING
Measurements are triggered internally by SFH7773. This mode can also be used
for ambient light sensor and proximity sensor. The measurement repetition rate and
current through the LED is defined by MCU. Measurement results can be read from
the data register, the status from the interrupt register.
STAND_BY
STAND-BY
OFF
Ambientlight
Sensor
(ALS)
Proximity
Sensor
(PS)
STAND_BY
STAND-BY
OFF
Ambientlight
Sensor
(ALS)
Proximity
Sensor
(PS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com