Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD01060E Datasheet(PDF) 1 Page - Cree, Inc

Part # CSD01060E
Description  Silicon Carbide Schottky Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CSD01060E Datasheet(HTML) 1 Page - Cree, Inc

  CSD01060E Datasheet HTML 1Page - Cree, Inc CSD01060E Datasheet HTML 2Page - Cree, Inc CSD01060E Datasheet HTML 3Page - Cree, Inc CSD01060E Datasheet HTML 4Page - Cree, Inc CSD01060E Datasheet HTML 5Page - Cree, Inc CSD01060E Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
CSD01060 Rev. P
CSD01060
Silicon Carbide Schottky Diode
Zero recovery® RectifieR
Maximum Ratings (T
C = 25 ˚C unless otherwise specified)
Symbol
Parameter
Value Unit
Test Conditions
Note
V
RRM
Repetitive Peak Reverse Voltage
600
V
V
RSM
Surge Peak Reverse Voltage
600
V
V
DC
DC Blocking Voltage
600
V
I
F
Continuous Forward Current
4
2
1
A
T
C=25˚C
T
C=135˚C
T
C=158˚C
I
FRM
Repetitive Peak Forward Surge Current
7
5.5
A
T
C=25˚C, tP=10 ms, Half Sine Wave
T
C=125˚C, tP=10 ms, Half Sine Wave
I
FSM
Non-Repetitive Peak Forward Surge Current
9
A
T
C=25˚C, tP=1.5 ms, Half Sine Wave
I
FSM
Non-Repetitive Peak Forward Surge Current
32
A
T
C=25˚C, tP=10 µs, Pulse
P
tot
Power Dissipation
21.4
7.1
W
T
C=25˚C
T
C=125˚C
T
J , Tstg
Operating Junction and Storage Temperature
-55 to
+175
˚C
TO-220 Mounting Torque
1
8.8
Nm
lbf-in
M3 Screw
6-32 Screw
Features
• 600-Volt Schottky Rectifier
• Zero Reverse Recovery Current
• Zero Forward Recovery Voltage
• High-Frequency Operation
• Temperature-Independent Switching Behavior
• Extremely Fast Switching
• Positive Temperature Coefficient on V
F
Benefits
• Replace Bipolar with Unipolar Rectifiers
• Essentially No Switching Losses
• Higher Efficiency
• Reduction of Rectifier Heat Sink
• Parallel Devices Without Thermal Runaway
Applications
• Switch Mode Power Supplies
• Power Factor Correction
- Typical PFC P
out : 100W-200W
• Motor Drives
- Typical Power : 0.25HP-0.5HP
Package
TO-252-2
TO-220-2
Part Number
Package
Marking
CSD01060A
TO-220-2
CSD01060
CSD01060E
TO-252-2
CSD01060
V
RRM
=
600 V
I
F (TC=135˚C) = 2 A
Q
c
=
3.3 nC
PIN 1
PIN 2
CASE


Similar Part No. - CSD01060E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSD01060E ETC1-CSD01060E Datasheet
211Kb / 5P
ZERO RECOVERY RECTIFIER
logo
Cree, Inc
CSD01060E CREE-CSD01060E Datasheet
291Kb / 2P
Z-RecTM Rectifiers and Zero-Recovery® Rectifiers
CSD01060E CREE-CSD01060E Datasheet
627Kb / 6P
Silicon Carbide Schottky Diode
More results

Similar Description - CSD01060E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SIDC19D60SIC3 INFINEON-SIDC19D60SIC3 Datasheet
54Kb / 4P
Silicon Carbide Schottky Diode
22.04.2004
SDD04S60 INFINEON-SDD04S60 Datasheet
280Kb / 9P
Silicon Carbide Schottky Diode
2004-02-11
SDP20S30 INFINEON-SDP20S30 Datasheet
216Kb / 8P
Silicon Carbide Schottky Diode
2001-09-07
SDT05S60 INFINEON-SDT05S60 Datasheet
353Kb / 8P
Silicon Carbide Schottky Diode
Rev. 2.1 2005-02-17
SDP06S60 INFINEON-SDP06S60_08 Datasheet
644Kb / 9P
Silicon Carbide Schottky Diode
Rev. 2.4 2008-06-02
logo
Cree, Inc
C3D08065A CREE-C3D08065A Datasheet
544Kb / 6P
Silicon Carbide Schottky Diode
C4D08120E CREE-C4D08120E Datasheet
643Kb / 6P
Silicon Carbide Schottky Diode
C3D08065I CREE-C3D08065I Datasheet
509Kb / 6P
Silicon Carbide Schottky Diode
C3D03065E CREE-C3D03065E Datasheet
941Kb / 6P
Silicon Carbide Schottky Diode
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com