Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8042DF Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP8042DF
Description  High Current, Dual Channel Power Half-Bridge Evaluation Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8042DF Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP8042DF Datasheet HTML 1Page - Monolithic Power Systems MP8042DF Datasheet HTML 2Page - Monolithic Power Systems MP8042DF Datasheet HTML 3Page - Monolithic Power Systems MP8042DF Datasheet HTML 4Page - Monolithic Power Systems MP8042DF Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EV8042DF-00C – HIGH CURRENT, DUAL CHANNEL POWER HALF-BRIDGE
EV8042-00C Rev. 1.0
www.MonolithicPower.com
2
7/26/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
MP8042
U1
NC
AGND1
PWM1
STBY
PWM2
FAULT
SHDWN
AGND2
NC
VDR2
VDR1
BST1
PGND1
OUT1
VDD1
NC
VDD2
OUT2
PGND2
BST2
PWM1
1
GND
PWM2
NC
GND
STDBY
NC
GND
SHDWN
NC
FAULT
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VDD
VDD
VDD
PULL-UP
VDD
CN1
CN2
SPK_OUT1
SPK_OUT2
GND
GND
GND
PWM2
STDBY
SHDWN
FAULT
VDD
+
VDD
D7
MBRS130LTR
D6
50V
MBRS130LTR
D4
MBRS130LTR
D5
MBRS130LTR
D2
1N4148
D1
4.7V
D3
1N4148
VDR2
PWM1
SW2
SW1
BST1
BST2
SPK_OUT1
SPK_OUT2
GND
VDR1
11
50V
EV8042DF-00C BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Manufacturer P/N
1
C1
2200µF Electrolytic Cap., 35V, NHG
Radial
Panasonic
ECA-1VHG222
2
C2, C13
390pF Ceramic Cap., 50V, X7R
0805
Panasonic
ECU-V1H391KBN
2
C3, C4
1µF
Ceramic Cap., 50V, X7R
1210
TDK
C3225X7R1H105K
2
C5, C6
0.1µF
Ceramic Cap., 50V, X7R
0805
TDK
C2012X7R1H104K
2
C7, C8
0.1µF
Ceramic Cap., 25V, X7R
1206
Panasonic
ECJ-3VB1E104K
2
C9, C11
0.47µF Cap., 50V, Stack Metal Film
Radial
Panasonic
ECQ-V1H474JL
1
C10
1µF
Cap., 63V, Stack Metal Film
Radial
Panasonic
ECQ-V1J105JM
1
C12
0.1µF
Ceramic Cap., 16V, X7R
0603
TDK
C1608X7R1C104K
2
CN1
Banana Jacks, Red and Black
2
CN2
2 Red Banana Jacks
1
D1
Diode Zener, 4.7V, 200mW
SOD-323
Diodes Inc.
BZT52C4V7S-7
2
D2, D3
Diode Switch, 75V, 200mW
SOD-323
Diodes Inc.
1N4148WS-7
4
D4, D5,
D6, D7
Diode Schottky, 30V, 1A
SMB
IR
MBRS130LTR
2
L1, L2
10µH
Power Inductor, 7A, 16RHBP
Radial
Toko
16RHBP-100M
1
R1
4.7kΩ
Film Res., 5%
0603
Panasonic
ERJ-3GEYJ472V
3
R2, R3, R4
100kΩ Film Res., 5%
0603
Panasonic
ERJ-3GEYJ104V
2
R5, R6
10Ω
Ceramic Res, 5%
0805
Panasonic
ERJ-6GEYJ100V
29
29-Pins Sip Header, 0.1"
Keystone
5000
1
U1
Class D Audio Amplifier
TSSOP-20
MPS
MP8042DF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com