Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC902LP3ETR Datasheet(PDF) 13 Page - Analog Devices

Part # HMC902LP3ETR
Description  Low Noise Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC902LP3ETR Datasheet(HTML) 13 Page - Analog Devices

Back Button HMC902LP3ETR Datasheet HTML 5Page - Analog Devices HMC902LP3ETR Datasheet HTML 6Page - Analog Devices HMC902LP3ETR Datasheet HTML 7Page - Analog Devices HMC902LP3ETR Datasheet HTML 8Page - Analog Devices HMC902LP3ETR Datasheet HTML 9Page - Analog Devices HMC902LP3ETR Datasheet HTML 10Page - Analog Devices HMC902LP3ETR Datasheet HTML 11Page - Analog Devices HMC902LP3ETR Datasheet HTML 12Page - Analog Devices HMC902LP3ETR Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Data Sheet
HMC902LP3E
Rev. E | Page 13 of 13
OUTLINE DIMENSIONS
3.10
3.00 SQ
2.90
0.30
0.25
0.20
1.95
1.70 SQ
1.50
1
0.50
BSC
BOTTOM VIEW
TOP VIEW
16
5
8
9
12
13
4
EXPOSED
PAD
0.45
0.40
0.35
0.05 MAX
0.02 NOM
0.20 REF
0.20 MIN
COPLANARITY
0.08
PIN 1
INDICATOR
0.90
0.85
0.80
COMPLIANT WITH JEDEC STANDARDS MO-220-VEED-4.
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
SEATING
PLANE
PIN 1
INDIC ATOR AREA OPTIONS
(SEE DETAIL A)
DETAIL A
(JEDEC 95)
Figure 25. 16-Lead Lead Frame Chip Scale Package [LFCSP]
3 mm × 3 mm Body and 0.85 mm Package Height
(HCP-16-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Lead Finish
Package Description
Package Option
HMC902LP3E
−40°C to +85°C
100% Matte Sn
16-Lead Lead Frame Chip Scale Package
HCP-16-1
HMC902LP3ETR
−40°C to +85°C
100% Matte Sn
16-Lead Lead Frame Chip Scale Package
HCP-16-1
129787-HMC902LP3E
Evaluation Board
1
The HMC902LP3E and HMC902LP3ETR are RoHS Compliant Parts.
©2018 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D14524-0-2/18(E)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com