Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC7950LS6 Datasheet(PDF) 14 Page - Analog Devices

Part # HMC7950LS6
Description  MMIC Low Noise Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7950LS6 Datasheet(HTML) 14 Page - Analog Devices

Back Button HMC7950LS6 Datasheet HTML 8Page - Analog Devices HMC7950LS6 Datasheet HTML 9Page - Analog Devices HMC7950LS6 Datasheet HTML 10Page - Analog Devices HMC7950LS6 Datasheet HTML 11Page - Analog Devices HMC7950LS6 Datasheet HTML 12Page - Analog Devices HMC7950LS6 Datasheet HTML 13Page - Analog Devices HMC7950LS6 Datasheet HTML 14Page - Analog Devices HMC7950LS6 Datasheet HTML 15Page - Analog Devices HMC7950LS6 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
HMC7950
Data Sheet
Rev. A | Page 14 of 16
EVALUATION BOARD
The HMC7950 evaluation board is a 2-layer board fabricated
using Rogers 4350 and using best practices for high frequency
RF design. The RF input and RF output traces have a 50 Ω
characteristic impedance.
The evaluation board and populated components are designed
to operate over the ambient temperature range of −40°C to
+85°C. For the proper bias sequence, see the Applications
Information section.
The evaluation board schematic is shown in Figure 41. A fully
populated and tested evaluation board, shown in Figure 40, is
available from Analog Devices, Inc., upon request.
Figure 40. Evaluation PCB
Table 8. Bill of Materials for Evaluation PCB EV1HMC7950LS6
Item
Description
RFIN, RFOUT
PCB mount, K connector, SRI Part Number 21-146-1000-92
C1, C7
100 pF capacitor, 5%, 50 V, C0G, 0402 package
C3, C8
10 nF capacitor, 10%, 16 V, X7R, 0402 package
C5, C9
4.7 µF tantalum capacitor, 10%, 20 V, 1206 package
U1
Amplifier, HMC7950LS6
PCB
Evaluation PCB; circuit board material: Rogers 4350
VDD, VGG2
DC pins, Molex Part Number 87759-0414
C2, C4, C6, J3, J4, VGG
Do not install (DNI)
C5
C3
C1
C9
C2
C4
C6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com