Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM54HC75 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54HC75
Description  4-Bit Bistable Latch with Q and Q Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HC75 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM54HC75 Datasheet HTML 1Page - National Semiconductor (TI) MM54HC75 Datasheet HTML 2Page - National Semiconductor (TI) MM54HC75 Datasheet HTML 3Page - National Semiconductor (TI) MM54HC75 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLF5303
January 1988
MM54HC75MM74HC75
4-Bit Bistable Latch with Q and Q Output
General Description
This 4-bit latch utilizes advanced silicon-gate CMOS tech-
nology to achieve the high noise immunity and low power
consumption normally associated with standard CMOS inte-
grated circuits These devices can drive 10 LS-TTL loads
This latch is ideally suited for use as temporary storage for
binary information processing inputoutput and indicator
units Information present at the data (D) input is transferred
to the Q output when the enable (G) is high The Q output
will follow the data input as long as the enable remains high
When the enable goes low the information that was present
at the data input at the time the transition occurred is re-
tained at the Q output until the enable is permitted to go
high again
The 54HC74HC logic family is functionally as well as pin-
out compatible with the standard 54LS74LS logic family
All inputs are protected from damage due to static dis-
charge by internal diode clamps to VCC and ground
Features
Y
Typical operating frequency 50 MHz
Y
Typical propagation delay 12 ns
Y
Wide operating supply voltage range 2 – 6V
Y
Low input current 1 mA maximum
Y
Low quiescent supply current 80 mA maximum
(74HC Series)
Y
Fanout of 10 LS-TTL loads
Connection and Logic Diagrams
Dual-In-Line Package
TLF5303 – 1
Order Number MM54HC75 or MM74HC75
Truth Table
Inputs
Outputs
DG
Q
Q
LH
L
H
HH
H
L
XL
Q0
Q0
H e High Level LeLow Level
X e Don’t Care
Q0 e The level of Q before the transition of G
(1 of 4 latches)
TLF5303 – 2
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM54HC75

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54HC7266 NSC-MM54HC7266 Datasheet
92Kb / 4P
Quad 2-Input Exclusive NOR Gate
MM54HC7266J NSC-MM54HC7266J Datasheet
92Kb / 4P
Quad 2-Input Exclusive NOR Gate
MM54HC73 NSC-MM54HC73 Datasheet
140Kb / 6P
Dual J-K Flip-Flops with Clear
MM54HC73J NSC-MM54HC73J Datasheet
140Kb / 6P
Dual J-K Flip-Flops with Clear
MM54HC74A NSC-MM54HC74A Datasheet
114Kb / 4P
Dual D Flip-Flop with Preset and Clear
More results

Similar Description - MM54HC75

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC75 TI-CD74HC75 Datasheet
56Kb / 8P
Dual 2-Bit Bistable Transparent Latch
SN5475 TI-SN5475 Datasheet
229Kb / 6P
4-BIT BISTABLE LATCHES
logo
Hitachi Semiconductor
HD74HC77 HITACHI-HD74HC77 Datasheet
48Kb / 9P
4-bit Bistable Latch
HD74LS77 HITACHI-HD74LS77 Datasheet
59Kb / 6P
4-bit Bistable Latches
logo
Texas Instruments
CD54HC75 TI-CD54HC75 Datasheet
348Kb / 15P
Dual 2-Bit Bistable Transparent Latch
CD54HC75 TI-CD54HC75_07 Datasheet
430Kb / 19P
Dual 2-Bit Bistable Transparent Latch
CD54HC75 TI-CD54HC75_08 Datasheet
508Kb / 17P
Dual 2-Bit Bistable Transparent Latch
logo
Renesas Technology Corp
HD74LS77 RENESAS-HD74LS77 Datasheet
70Kb / 5P
4-bit Bistable Latches
HD74HC77 RENESAS-HD74HC77 Datasheet
96Kb / 7P
4-bit Bistable Latch
logo
Texas Instruments
SN5475 TI1-SN5475_12 Datasheet
565Kb / 8P
4-BIT BISTABLE LATCHES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com