Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AST Datasheet(PDF) 4 Page - Schurter Inc.

Part # AST
Description  LED Holder for 3 mm and 5 mm LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

AST Datasheet(HTML) 4 Page - Schurter Inc.

  AST Datasheet HTML 1Page - Schurter Inc. AST Datasheet HTML 2Page - Schurter Inc. AST Datasheet HTML 3Page - Schurter Inc. AST Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Indicators
AST
https://www.schurter.com /PG10
Switches
All Variants
Diameter LED
Type
Order Number
5 mm
1x4 Array
0035.9203
5 mm
1x3 Array
0035.9204
5 mm
1x2 Array
0035.9205
5 mm
1x1 Array
0035.9206
█
3 mm
1x1 Array
0035.9610
█
3 mm
1x2 Array
0035.9611
█
3 mm
1x3 Array
0035.9612
3 mm
1x4 Array
0035.9613
3 mm
1x5 Array
0035.9614
3 mm
1x7 Array
0035.9616
3 mm
1x8 Array
0035.9617
█
3 mm
2x1 Array
0035.9660
3 mm
2x2 Array
0035.9661
3 mm
2x3 Array
0035.9662
3 mm
2x4 Array
0035.9663
█
█ Most Popular.
Availability for all products can be searched real-time:https://www.schurter.com/
en/Stock-Check/Stock-Check-SCHURTER
Packaging unit
100 pcs
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com