Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8760DGL Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP8760DGL
Description  High Efficiency, 6A, 18V Synchronous, Step-Down Converter Evaluation Board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8760DGL Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP8760DGL Datasheet HTML 1Page - Monolithic Power Systems MP8760DGL Datasheet HTML 2Page - Monolithic Power Systems MP8760DGL Datasheet HTML 3Page - Monolithic Power Systems MP8760DGL Datasheet HTML 4Page - Monolithic Power Systems MP8760DGL Datasheet HTML 5Page - Monolithic Power Systems MP8760DGL Datasheet HTML 6Page - Monolithic Power Systems MP8760DGL Datasheet HTML 7Page - Monolithic Power Systems MP8760DGL Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
EV8760D-L-00A – 6A, 18V, SYNCHRONOUS, STEP-DOWN, CONVERTER EV BOARD
EV8760D-L-00A Rev.1.0
www.MonolithicPower.com
3
8/4/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
EV8760D-L-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package Manufacture Manufacture_PN
2
C1A, C1B
10μF
Ceramic Capacitor;
35V;X7R;1210;
1210
muRata
GRM32ER7YA106KA12L
4
C1C, C1D,
C2E, C3
0.1μF
Ceramic Capacitor;
50V;X7R;0603
0603
muRata
GRM188R71H104KA93D
0
C2A
NS
POSCAP
3
C2B, C2C,
C2D
47μF
Ceramic Capacitor;
6.3V;X5R;1206
1206
TDK
C3216X5R0J476M
1
C4
150pF
Ceramic Capacitor;
50V;COG;0603
0603
muRata
GRM1885C1H151JA01D
1
C5
1μF
Capacitor;25V;X7R
0603
muRata
GRM188R71E105KA12
1
C6
220nF
Ceramic Capacitor;
25V;X7R;0603
0603
muRata
GRM188R71E223JA01D
0
C7, C8
NS
0603
1
L1
2.2μH Inductor;2.2μH;3.05mΩ;23A
SMD
Wurth
7443330220
1
R1
20k
Film Resistor;1%
0603
Yageo
RC0603FR-0720KL
1
R2
10k
Film Resistor;1%;
0603
Yageo
RC0603FR-0710KL
1
R3
4.7Ω
Film Resistor;5%
0603
Yageo
RC0603JR-074R7L
1
R4
2M
Film Resistor;5%;
0603
Yageo
RC0603JR-072ML
1
R5
499k
Film Resistor;1%
0603
Yageo
RC0603FR-07499KL
2
R6, R8
100k
Film Resistor;1%;
0603
Yageo
RC0603FR-07100KL
1
R7
634k
Film Resistor;1%
0603
Yageo
RC0603FR-07634KL
1
R9
2k
Film Resistor;1%;
0603
Yageo
RC0603FR-072KL
1
U1
Step Down Converter
QFN16
3X4
MPS
MP8760DGL



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com