Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8763DGL Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP8763DGL
Description  High Efficiency, 12A, 18V Synchronous Step-down Converter Evaluation Board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8763DGL Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP8763DGL Datasheet HTML 1Page - Monolithic Power Systems MP8763DGL Datasheet HTML 2Page - Monolithic Power Systems MP8763DGL Datasheet HTML 3Page - Monolithic Power Systems MP8763DGL Datasheet HTML 4Page - Monolithic Power Systems MP8763DGL Datasheet HTML 5Page - Monolithic Power Systems MP8763DGL Datasheet HTML 6Page - Monolithic Power Systems MP8763DGL Datasheet HTML 7Page - Monolithic Power Systems MP8763DGL Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
EV8763D-L-00A – 12A, 18V SYNCHRONOUS STEP-DOWN CONVERTER EV BOARD
EV8763D-L-00A Rev.1.0
www.MonolithicPower.com
4
8/4/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
EVB TEST RESULTS
Performance waveforms are tested on the EV8763D-L-00A evaluation board.
VIN = 12V, VOUT = 1.8V, L = 1µH, TA = +25ºC, unless otherwise noted.
0.01
0.1
1
10
50
55
60
65
70
75
80
85
90
95
100
0.01
0.1
1
10
100
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0246
8
10
12
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
8 9 10 11 12 13 14 15 16 17 18
0
500
1000
1500
2000
2500
3000
100



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com