Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCBC558 Datasheet(PDF) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # HCBC558
Description  GENERAL PURPOSE TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

HCBC558 Datasheet(HTML) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  HCBC558 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCBC558 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCBC558 Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCBC558 Datasheet HTML 4Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCBC558 Datasheet HTML 5Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCBC558 Datasheet HTML 6Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HCBC556/HCBC557/HCBC558(PNP)
GENERAL PURPOSE TRANSISTOR
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
CLASSIFICATION OF hFE
Rank
556A
557B
558C
Range
110-220
200-450
420-800
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-Base Breakdown Voltage
BC556
VCBO
IC= -0.1mA , IE=0
-80
V
BC557
-50
BC558
-30
Collector-Emitter Breakdown Voltage
BC556
VCEO
IC=-2mA, IB=0
-65
V
BC557
-45
BC558
-30
Emitter-Base Breakdown Voltage
BC556
VEBO
IE=-100
μA, IC=0
-5
V
BC557
-5
BC558
-5
Collector Cut-off Current
BC556
ICBO
VCB=-70V, IE=0
-0.1
μA
BC557
VCB=-45V, IE=0
-0.1
μA
BC558
VCB=-25V, IE=0
-0.1
μA
Collector Cut-off Current
BC556
ICEO
VCE=-60V, IB=0
-0.1
μA
BC557
VCE=-45V, IB=0
-0.1
μA
BC558
VCE=-20V, IB=0
-0.1
μA
Emitter Cut-off Current
IEBO
VEB=-5V, IC=0
0.1
μA
DC Current Gain
hFE
VCE=-5V, IC=-2mA
120
800
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-10mA, IB=-0.5mA
0.3
V
IC=-100mA, IB=-5mA
0.65
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=-10mA, IB=-0.5mA
0.8
V
IC=-100mA, IB=-5mA
1
V
Base-Emitter Voltage
VBE
VCE=-5V, IC=-2mA
-0.55
-0.7
V
VCE=-5V, IC=-10mA
-0.8
V
Collector Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
5
pF
Transition Frequency
fT
VCE=-5V, IC=-10mA, f=100MHz
150
MHz
©GUANGDONG HOTTECH INDUSTRIAL CO.,LTD
E-mail:hkt@heketai.com
2 / 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com