Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8848GD Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP8848GD
Description  6A High Efficient Synchronous Step-Down Switcher with I2C Interface
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8848GD Datasheet(HTML) 7 Page - Monolithic Power Systems

  MP8848GD Datasheet HTML 1Page - Monolithic Power Systems MP8848GD Datasheet HTML 2Page - Monolithic Power Systems MP8848GD Datasheet HTML 3Page - Monolithic Power Systems MP8848GD Datasheet HTML 4Page - Monolithic Power Systems MP8848GD Datasheet HTML 5Page - Monolithic Power Systems MP8848GD Datasheet HTML 6Page - Monolithic Power Systems MP8848GD Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
EV8848-D-00A
– 6A HIGH EFFICIENT, SYNC STEP-DOWN SWITCHER
NOTICE: The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
EV8848-D-00A Rev.1.0
www.MonolithicPower.com
7
5/9/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
QUICK START GUIDE
1. Connect the positive and negative terminals of the load to the VOUT and GND pins,
respectively.
2. Preset the power supply output between 2.7V and 6V, and then turn off the power supply.
3. Connect the positive and negative terminals of the power supply output to the VIN and GND
pins, respectively.
4. Turn the power supply on and make EN voltage more than threshold. The board will
automatically start up.
5. Refer to MPS IIC Interface System user manual for I
2C application.
LAYOUT RECOMMENDATION OF MP8848
Proper layout of the switching power supplies is very important, and sometimes critical to make it work
properly. Especially, for the high switching frequency converter, if the layout is not carefully done, the
regulator could show poor line or load regulation, stability issues.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com