Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC1815 Datasheet(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # HCC1815
Description  GENERAL PURPOSE TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

HCC1815 Datasheet(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  HCC1815 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCC1815 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCC1815 Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCC1815 Datasheet HTML 4Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HCC1815(NPN)
GENERAL PURPOSE TRANSISTOR
REPLACEMENT TYPE : C1815
FEATURES
 Collector-Emitter Voltage: V
CEO=50V
 Collector Current up to 150mA
 Complement to HCA1015
MAXIMUM RATINGS (TA=25°C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-Base Breakdown Voltage
VCBO
IC
=100μA, IE=0
60
V
Collector-Emitter Breakdown Voltage
VCEO
IC
=100μA, IB=0
50
V
Emitter-Base Breakdown Voltage
VEBO
IE
=100μA , IC=0
5
V
Collector Cut-off Current
ICBO
VCB=60V , IE=0
0.1
μA
Emitter Cut-off Current
IEBO
VEB=5V , IC=0
0.1
μA
DC Current Gain
hFE(1)
VCE=6V , IC=2mA
70
700
hFE(2)
VCE=6V , IC=150mA
25
100
Collector-Emitter Saturation Voltage
VCE(sat)
IC=100mA , IB=10mA
0.1
0.25
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=100mA , IB=10mA
1
V
Transition Frequency
fT
VCE=10V , IC=1mA f=30MHz
80
MHz
Collector output capacitance
Cob
VCB=10V,IE=0, f=1MHz
2.0
3.5
pF
Noise figure
NF
VCE=6V,IC=0.1mA
RG=10kΩ, f=1MHz
1.0
10
dB
CLASSIFICATION OF hFE
Rank
O
Y
GR
BL
Range
70-140
120-240
200-400
350-700
Parameter
Symbol
Value
Unit
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
5
V
Collector Current-Continuous
IC
150
mA
Collector Power Dissipation
PC
400
mW
Junction Temperature
TJ
150
°C
Storage Temperature
Tstg
-55 to +150
°C
TO-92
1:EMITTER
2:COLLECTOR
3:BASE
©GUANGDONG HOTTECH INDUSTRIAL CO.,LTD
E-mail:hkt@heketai.com
1 / 4


Similar Part No. - HCC1815

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HCC1000 TTELEC-HCC1000 Datasheet
766Kb / 6P
Hi-Reliability RAD Capable Optoisolator
HCC1001 TTELEC-HCC1001 Datasheet
766Kb / 6P
Hi-Reliability RAD Capable Optoisolator
HCC1002 TTELEC-HCC1002 Datasheet
793Kb / 6P
Hi-Reliability RAD Capable Optoisolator
logo
GUANGDONG HOTTECH INDUS...
HCC1008 HOTTECH-HCC1008 Datasheet
420Kb / 4P
GENERAL PURPOSE TRANSISTOR
HCC1213 HOTTECH-HCC1213 Datasheet
268Kb / 4P
GENERAL PURPOSE TRANSISTOR
More results

Similar Description - HCC1815

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com