Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA5023 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HA5023
Description  Dual 125MHz Video CurrentFeedback Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA5023 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HA5023 Datasheet HTML 7Page - Renesas Technology Corp HA5023 Datasheet HTML 8Page - Renesas Technology Corp HA5023 Datasheet HTML 9Page - Renesas Technology Corp HA5023 Datasheet HTML 10Page - Renesas Technology Corp HA5023 Datasheet HTML 11Page - Renesas Technology Corp HA5023 Datasheet HTML 12Page - Renesas Technology Corp HA5023 Datasheet HTML 13Page - Renesas Technology Corp HA5023 Datasheet HTML 14Page - Renesas Technology Corp HA5023 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
HA5023
FN3393 Rev 9.00
Page 11 of 17
September 30, 2015
FIGURE 26. INPUT OFFSET VOLTAGE vs TEMPERATURE
FIGURE 27. +INPUT BIAS CURRENT vs TEMPERATURE
FIGURE 28. -INPUT BIAS CURRENT vs TEMPERATURE
FIGURE 29. TRANSIMPEDANCE vs TEMPERATURE
FIGURE 30. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 31. REJECTION RATIO vs TEMPERATURE
Typical Performance Curves VSUPPLY = 5V, AV = +1, RF = 1k RL = 400 TA = 25°C,
Unless Otherwise Specified (Continued)
1.5
1.0
0.5
0.0
-60
-40
-20
0
40
60
80
100
120
140
20
TEMPERATURE (°C)
2
0
-2
-4
-60
-40
-20
0
40
60
80
100
120 140
20
TEMPERATURE (°C)
22
20
18
16
-60
-40
-20
0
40
60
80
100
120 140
20
TEMPERATURE (°C)
TEMPERATURE (°C)
4000
3000
2000
1000
-60
-40
-20
0
40
60
80
100
120
140
20
3
4
5
6
7
8
9
10
11
12
13
14
15
25
20
15
10
5
SUPPLY VOLTAGE (
V)
125°C
55°C
25°C
58
60
62
64
66
68
70
72
74
-100
-50
0
50
100
150
+PSRR
-PSRR
CMRR
200
250
TEMPERATURE (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com