Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP1011ACB Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HIP1011ACB
Description  PCI Hot Plug Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP1011ACB Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HIP1011ACB Datasheet HTML 3Page - Renesas Technology Corp HIP1011ACB Datasheet HTML 4Page - Renesas Technology Corp HIP1011ACB Datasheet HTML 5Page - Renesas Technology Corp HIP1011ACB Datasheet HTML 6Page - Renesas Technology Corp HIP1011ACB Datasheet HTML 7Page - Renesas Technology Corp HIP1011ACB Datasheet HTML 8Page - Renesas Technology Corp HIP1011ACB Datasheet HTML 9Page - Renesas Technology Corp HIP1011ACB Datasheet HTML 10Page - Renesas Technology Corp HIP1011ACB Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
HIP1011A
FN4631 Rev 5.00
Page 10 of 11
November 16, 2004
Q1, Q2
-12VOUT
C2
Q3, Q4
R3
C3
R4
C4
C1
INDICATES EDGE CONNECTOR SOCKET
RL1
LOAD BOARD
INDICATES EDGE CONNECTOR CARD
CL1
FIGURE 15. HIP1011AEVAL1
Table 2 details the BOM for the HIP1011AEVAL1 board.
M12VIN
FLTN
3V5VG
VCC
12VIN
3VISEN
3VS
OCSET
M12VO
12VG
GND
12VO
5VISEN
5VS
PWRON
M12VG
HIP1011A
12V INPUT
5V INPUT
-12V INPUT
R1
3.3V INPUT
R2
5VOUT
12VOUT
3.3VOUT
GND
5V
3.3V
RL2
CL2
5.0V
RL3
CL3
+12V
RL4
CL4
-12V
BUS BOARD
D1
INDICATES BANANA JACKS
VCC
PWRON IN
6
JP2
3, 4, 5 TP8
2 TP6
1 TP7
9, 11, 12 TP5
7, 8, 10 TP9
JP1
TP11
TP4
TP1
TP2
TP3
TP10
TABLE 2.
COMPONENT
DESIGNATOR
COMPONENT NAME
COMPONENT DESCRIPTION
U1
HIP1011ACB PCI Hot Plug Controller
Intersil Corporation, HIP1011ACB PCI Hot Plug Controller
Q1, Q2, Q3, Q4
RF1K49211
Intersil Corporation, RF1K49211 7A, 12V, 20m
, Logic Level
N-Channel MOSFET
R1, R2
RSENSE for 3.3V and 5V Supplies
Dale, WSL-2512 10m
 Metal Strip Resistor
C1, C2, C3
Gate Timing Capacitors
0.033
F 805 Chip Capacitor
R3
Over Current Set Resistor
12.1k
 805 Chip Resistor
C4
Fault Stability Capacitor
100pF 805 Chip Cap
Conn. 1
Connector for Load Card
Sullins EZM06DRXH
R4
LED Series Resistor
4.7k
 805 Chip Resistor
D1
Fault Indicating LED
Red LED
JP1
VCC to Switched or Unswitched 12V Supply
0.01” Spaced Pins for Jumper Block
JP2
PWRON to 5V
0.01” Spaced Pins for Jumper Block
RL1
3.3V Load Board Resistor
1.1
, 10W
RL2
5.0V Load Board Resistor
2.5
, 10W
RL3
+12V Load Board Resistor
47
, 5W
RL4
-12V Load Board Resistor
240
, 2W
CL1, CL2
+3.3V and +5.0V Load Board Capacitor
2200
F
CL3, CL4
+12V and -12V Load Board Capacitor
100
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com