Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP1011D Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HIP1011D
Description  Dual Slot PCI Hot Plug Controllers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP1011D Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HIP1011D Datasheet HTML 7Page - Renesas Technology Corp HIP1011D Datasheet HTML 8Page - Renesas Technology Corp HIP1011D Datasheet HTML 9Page - Renesas Technology Corp HIP1011D Datasheet HTML 10Page - Renesas Technology Corp HIP1011D Datasheet HTML 11Page - Renesas Technology Corp HIP1011D Datasheet HTML 12Page - Renesas Technology Corp HIP1011D Datasheet HTML 13Page - Renesas Technology Corp HIP1011D Datasheet HTML 14Page - Renesas Technology Corp HIP1011D Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
HIP1011D, HIP1011E
FN4725 Rev 5.00
Page 13 of 15
November 18, 2004
TABLE 4. HIP1011DEVAL1 BOARD COMPONENT LISTING
COMPONENT
DESIGNATOR
COMPONENT NAME
COMPONENT DESCRIPTION
U1
HIP1011DCB or HIP1011ECB Dual PCI HotPlug
Controller
Intersil, HIP1011DCB or HIP1011ECB Dual PCI HotPlug
Controller
Q1, Q2, Q3, Q4
HUF76132SK8 (or equivalent)
HUF76132SK8 (or equivalent), 11.5m
, 30V, 11.5A Logic Level
N-Channel MOSFET
R1 - R4
Sense Resistor for 3.3V and 5V Supplies
Dale, WSL-2512 5m
 Metal Strip Resistor
C1 - C6
Gate Timing Capacitors
0.033
F 805 Chip Capacitor
R5
Overcurrent Set Resistor
6k
 805 Chip Resistor
C7, C8 (Not Provided)
Latch-Off Delay Capacitors
Place provided for 805 Chip Cap
R6, R7
LED Series Resistors
470
 805 Chip Resistors
D1, D2
Fault Indicating LED
Green SMD LED
TP1 - TP28
Test Point for Corresponding Device Pin Number
P1, P2
Connectors for Load Cards
Sullins EZM06DRXH
FIGURE 24.
M12VO_2
M12G_2
PWRON_1
M12VIN_1
12VO_2
12VIN_1
12VG_2
3VISEN_1
3VS_1
3V5VG_1
OCSET
3VISEN_2
3VS_2
3V5VG_2
12VIN_2
M12VIN_2
FLTN_1
VSS
PWRON_2
FLTN_2
5VS_2
5VISEN_2
M12VO_1
M12G_1
12VG_1
12VO_1
5VS_1
5VISEN_1
HIP1011D, HIP1011E
5V BUS
-12V BUS
+12V BUS
C1
C2
C3
C4
R1
R2
R3
R4
Q1
Q2
Q3
Q4
R5
TP3
TP12
P1
J1
J3
J4
J5
3.3V BUS
J2
R6
D1
TP11
TP4
R7
D2
P2
C5
C6
C7
C8
NO POP
NO POP
U1
12V
-12V
5V
3.3V
5V
3.3V
-12V
12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com