Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP9928GL Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP9928GL
Description  60V Current Mode, Synchronous Step-Down Controller Evaluation Board
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9928GL Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP9928GL Datasheet HTML 1Page - Monolithic Power Systems MP9928GL Datasheet HTML 2Page - Monolithic Power Systems MP9928GL Datasheet HTML 3Page - Monolithic Power Systems MP9928GL Datasheet HTML 4Page - Monolithic Power Systems MP9928GL Datasheet HTML 5Page - Monolithic Power Systems MP9928GL Datasheet HTML 6Page - Monolithic Power Systems MP9928GL Datasheet HTML 7Page - Monolithic Power Systems MP9928GL Datasheet HTML 8Page - Monolithic Power Systems MP9928GL Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
EV9928-L-00C
60V Current Mode, Synchronous
Step-Down Controller Evaluation Board
EV9928-L-00C Rev. 1.01
www.MonolithicPower.com
1
11/21/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
DESCRIPTION
The
EV9928-L-00C
Evaluation
Board
is
designed to demonstrate the capabilities of
MP9928.
The
MP9928
is
a
high-voltage,
synchronous step-down controller that directly
steps down voltages from up to 60V. The
MP9928 uses PWM current control architecture
with accurate cycle-by-cycle current limiting and
is capable of driving dual N-channel MOSFETs.
The operating frequency of the MP9928 can be
programmed
by
an
external
resistor
or
synchronized to an external clock for noise
sensitive applications. Full protection features
include precision output over-voltage protection
(OVP), output over-current protection (OCP),
and thermal shutdown.
The MP9928 is available in TSSOP20-EP and
QFN-20 (3mmx4mm) packages. This board is
available in QFN-20 (3mmx4mm) package.
ELECTRICAL SPECIFICATION
Parameter
Symbol
Value
Units
Input Voltage
VIN
6-60
(1)
V
Output Voltage
VOUT
5
V
Output Current
IOUT
7
A
FEATURES
 6V to 60V Input Voltage for This 5V Output
Board
 Dual N-Channel MOSFET Driver
 Low Dropout Operation: Maximum Duty
Cycle at 99.5%
 180ºOut-of-Phase SYNCO Output
 Programmable Soft Start
 Output Power Good Indicator
 Selectable Threshold for Cycle-by-Cycle
Current Limit
 Programmable Frequency Range: 100kHz-
1000kHz
 External Power Bias Option for Vcc Supply
 Output Over-Voltage Protection (OVP)
 Over-Current Protection (OCP)
 QFN-20 (3mmx4mm) Package on This
Board
APPLICATIONS
 PD Power Supply in PoE System
 USB Dedicated Charging Port (DCP)
 Industrial Control Systems
 Power Supply for Linear Chargers
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive. For
MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks
of Monolithic Power Systems, Inc.
Note: (1) The IC can work to 4V input, but the output voltage will drop, it is
limited by the maximum duty cycle.
EV9928-L-00C EVALUATION BOARD
(L x W x H) 8.36cm x 8.36cm x 0.8cm
(Four Layers)
Board Number
MPS IC Number
EV9928-L-00C
MP9928GL


Similar Part No. - MP9928GL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP9928GL MPS-MP9928GL Datasheet
1Mb / 25P
4V-60V Input, Current Mode, Synchronous Step-Down Controller
More results

Similar Description - MP9928GL

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3814-5 LINER-LTC3814-5 Datasheet
356Kb / 28P
60V Current Mode Synchronous Step-Up Controller
LTC3814-5 LINER-LTC3814-5_15 Datasheet
363Kb / 30P
60V Current Mode Synchronous Step-Up Controller
logo
Monolithic Power System...
MPQ2908A MPS-MPQ2908A Datasheet
1Mb / 30P
4V - 60V Input, Current Mode, Synchronous, Step-Down Controller AEC-Q100 Qualified
MP2908A MPS-MP2908A Datasheet
1Mb / 22P
4V-60V Input, Current Mode, Synchronous Step-Down Controller
MP9928 MPS-MP9928 Datasheet
1Mb / 25P
4V-60V Input, Current Mode, Synchronous Step-Down Controller
EV2312-Q-00A MPS-EV2312-Q-00A Datasheet
430Kb / 7P
24V, High Current Synchronous Step-down Converter Evaluation Board
EV2908A-F-01A MPS-EV2908A-F-01A Datasheet
677Kb / 8P
Wide Input, Current Mode Synchronous Step-Down Controller Evaluation Board
EV8765-Q-00A MPS-EV8765-Q-00A Datasheet
663Kb / 9P
24V, High Current Synchronous Step-down Converter Evaluation Board
EV9928-F-00B MPS-EV9928-F-00B Datasheet
660Kb / 9P
60V Current Mode, Synchronous Step-Down Controller Evaluation Board
EVQ4568-Q-00A MPS-EVQ4568-Q-00A Datasheet
465Kb / 5P
60V, 100mA Synchronous Step-Down Converter Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com