Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP1012ACBZA Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HIP1012ACBZA
Description  Dual Power Distribution Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP1012ACBZA Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HIP1012ACBZA Datasheet HTML 7Page - Renesas Technology Corp HIP1012ACBZA Datasheet HTML 8Page - Renesas Technology Corp HIP1012ACBZA Datasheet HTML 9Page - Renesas Technology Corp HIP1012ACBZA Datasheet HTML 10Page - Renesas Technology Corp HIP1012ACBZA Datasheet HTML 11Page - Renesas Technology Corp HIP1012ACBZA Datasheet HTML 12Page - Renesas Technology Corp HIP1012ACBZA Datasheet HTML 13Page - Renesas Technology Corp HIP1012ACBZA Datasheet HTML 14Page - Renesas Technology Corp HIP1012ACBZA Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
HIP1012A
FN4419 Rev 6.00
Page 13 of 15
March 2004
HIP1012 Evaluation Circuit for Disk Drive Hot Swap HIP1012EVAL2
Introduction
The HIP1012EVAL2 is specifically designed to test and
demonstrate hot swapping of disk drives onto passive 12V and
5V power buses using the HIP1012 Hot-Swap control IC. The
small size of the board allows it to be included in a shuttle
alongside the disk drive during evaluation. The outlined area
on the board represents the actual area used for PCB
implementation.
Description
The HIP1012EVAL2 board is provided with a standard Molex
four-terminal disk-drive power connector. The solder holes J2
allows the board to be connected to a power supply connector
on the disk-drive shuttle. PGOOD, PWRON1, PWRON2, 5VG.
12VG, CTIM, VDD and GND are all accessible through a ribbon
cable.
With JP1 installed, the HIP1012 is powered from the same 12V
power supply as the disk drive motor. JP2 connects the control
signal PWRON2 to ground allowing the unit to be plugged
directly into the power bus for automatic, controlled startup. In
this configuration, PWRON1 is available to reset the HIP1012
in case of an over-current trip. Otherwise the HIP1012 can be
reset by toggling the voltage on VDD. With JP2 removed, the
circuit is controlled using one or both of the PWRON signal
lines. The HIP1012EVAL2 is shipped with both jumpers
installed.
The HIP1012EVAl2 is configured with a 10k
 RILIM resistor
(R5) setting the nominal current limit threshold to 100mV. The
12V current sense resistor (R2) is 20m and the 5V current
sense resistor (R1) is 100m These values set the nominal
current limits to 5A and 1A respectively. The CTIM capacitor
(C2) sets the time out period to approximately 9ms.
Control Connections, Fault Notification, and Test
Points
HIP1012 EVAL2 is shipped with JP2 installed so that a
connected disk drive is started simply by connecting 12V and
5V power supplies to J2. In this configuration, the ribbon
cable is not necessary, since the HIP1012 can be reset by
toggling the voltage on VDD. This configuration represents a
disk drive that would be removed after any over-current trip
and would start immediately upon insertion. Additional control
is available using the ribbon cable and resetting the HIP1012
by applying a rising edge to PWRON1. If redundant control is
desired, removing JP2 makes the second control signal
PWRON2 available to start or reset the chip. An example of
this control configuration would be to turn the chip on using
PWRON1 and reset it using PWRON2. The PGOOD pin is an
open drain logic output which can be tied high through a
resistor for fault indication. Upon detection of either
overcurrent or undervoltage fault conditions, PGOOD goes
low and remains low until the fault condition is cleared.
Also included on the ribbon cable are additional monitor
points for 12VG, 5VG and CTIM. These are included for
monitoring during evaluation and they are not necessary for
operation.
Data Line Considerations
The HIP1012A does not integrate data bus line switches,
although control of the data bus can be assisted by the time-
out feature of the HIP1012A. During the time-out period, the
operating system software can determine whether to halt I/O
activity to a disk drive which is undergoing an under-voltage or
over-current fault as indicated by the status of PGOOD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com