Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP2100IBZ Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HIP2100IBZ
Description  100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2100IBZ Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HIP2100IBZ Datasheet HTML 5Page - Renesas Technology Corp HIP2100IBZ Datasheet HTML 6Page - Renesas Technology Corp HIP2100IBZ Datasheet HTML 7Page - Renesas Technology Corp HIP2100IBZ Datasheet HTML 8Page - Renesas Technology Corp HIP2100IBZ Datasheet HTML 9Page - Renesas Technology Corp HIP2100IBZ Datasheet HTML 10Page - Renesas Technology Corp HIP2100IBZ Datasheet HTML 11Page - Renesas Technology Corp HIP2100IBZ Datasheet HTML 12Page - Renesas Technology Corp HIP2100IBZ Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
HIP2100
FN4022 Rev 15.00
Page 10 of 13
August 31, 2015
Dual Flat No-Lead Plastic Package (DFN)
Micro Lead Frame Plastic Package (MLFP)
TOP VIEW
INDEX
D1/2
D1
D/2
D
E1/2
E/2
E1
E
A
2X
0.15
B
C
A
N
BOTTOM VIEW
SEATING
PLANE
5
6
2 3
1
0.10
NX b
A1
C
2X
C
0.15
0.15
2X
B
0
A1
A
C
C
B
2X
A
C
0.15
A2
A3
AREA
//
SIDE VIEW
0.08
C
4X
9
L
5
NX b
4X P
N
e
B
0.10
C A
D2
E2
1
(Nd-1)Xe
REF.
3
2
M
7
8
8
7
6
AREA
INDEX
N-1
D2/2
NX k
5
E2/2
e
FOR EVEN TERMINAL/SIDE
L
C
TERMINAL TIP
C
C
L12.4x4A
12 LEAD DUAL FLAT NO-LEAD PLASTIC PACKAGE
SYMBOL
MILLIMETERS
NOTES
MIN
NOMINAL
MAX
A
-
0.85
0.90
-
A1
0.00
0.01
0.05
-
A2
-
0.65
0.70
-
A3
0.20 REF
-
b
0.18
0.23
0.30
5, 8
D
4.00 BSC
-
D1
3.75 BSC
-
D2
2.65
2.80
2.95
7, 8
E
4.00 BSC
-
E1
3.75 BSC
-
E2
1.43
1.58
1.73
7, 8
e
0.50 BSC
-
k
0.635
-
-
-
L
0.30
0.40
0.50
8
N12
2
Nd
6
3
P
0.24
0.42
0.60
-
--
12
-
Rev. 0 8/03
NOTES:
1. Dimensioning and tolerancing conform to ASME Y14.5M-1994.
2. N is the number of terminals.
3. Nd refer to the number of terminals on D.
4. All dimensions are in millimeters. Angles are in degrees.
5. Dimension b applies to the metallized terminal and is measured
between 0.15mm and 0.30mm from the terminal tip.
6. The configuration of the pin #1 identifier is optional, but must be
located within the zone indicated. The pin #1 identifier may be
either a mold or mark feature.
7. Dimensions D2 and E2 are for the exposed pads which provide
improved electrical and thermal performance.
8. Nominal dimensions are provided to assist with PCB Land Pattern
Design efforts, see Intersil Technical Brief TB389.
9. COMPLIANT TO JEDEC MO-229-VGGD-2 ISSUE C except for
the L dimension.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com