Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6012CBZ Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HIP6012CBZ
Description  Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6012CBZ Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HIP6012CBZ Datasheet HTML 4Page - Renesas Technology Corp HIP6012CBZ Datasheet HTML 5Page - Renesas Technology Corp HIP6012CBZ Datasheet HTML 6Page - Renesas Technology Corp HIP6012CBZ Datasheet HTML 7Page - Renesas Technology Corp HIP6012CBZ Datasheet HTML 8Page - Renesas Technology Corp HIP6012CBZ Datasheet HTML 9Page - Renesas Technology Corp HIP6012CBZ Datasheet HTML 10Page - Renesas Technology Corp HIP6012CBZ Datasheet HTML 11Page - Renesas Technology Corp HIP6012CBZ Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
HIP6012
FN4324 Rev.2.00
Page 10 of 12
December 27, 2004
HIP6012 DC-DC Converter Application Circuit
The figure below shows a DC-DC converter circuit for a
microprocessor application, originally designed to employ
the HIP6006 controller. Given the similarities between the
HIP6006 and HIP6012 controllers, the circuit can be
implemented using the HIP6012 controller without any
modifications. However, given the expanded reference
voltage tolerance range, the HIP6012-based converter may
require additional output capacitance. Detailed information
on the circuit, including a complete Bill-of-Materials and
circuit board description, can be found in application note
AN9722. See Intersil’s home page on the web:
www.intersil.com
HIP6012
RT
FB
COMP
SS
REF
-
+
GND
+
-
OSC
VCC
VIN
C1-3
L1
C6-9
0.1
F
2x 1
F
0.1
F
1
F
15K
1K
3x 680
F
4x 1000
F
UGATE
OCSET
PHASE
BOOT
SPARE
CR1
Q1
3.01K
1000pF
CR2
C13
R1
R3
R4
C15
R5
C14
C12
C17-18
C19
R6
C20
4148
U1
RTN
12VCC
14
2
10
9
8
7
4
5
1
3
SPARE
PGND
LGATE
12
11
PVCC
13
JP1
Q2
1206
1206
MBR
340
VOUT
RTN
ENABLE
R2
1K
COMP
TP1
PHASE
TP2
6
R7
10K
MONITOR AND
PROTECTION
+
-
+
-
C16
0.01
F
33pF
SPARE
Component Selection Notes:
C1-C3 -3 each 680
F 25W VDC, Sanyo MV-GX or equivalent.
C6-C9 -4 each 1000
F 6.3W VDC, Sanyo MV-GX or equivalent.
L1 -Core: Micrometals T50-52B; Winding: 10 Turns of 17AWG.
CR1 -1N4148 or equivalent.
CR2 -3A, 40V Schottky, Motorola MBR340 or equivalent.
Q1, Q2 -Intersil MOSFET; RFP25N05
FIGURE 11. DC-DC CONVERTER APPLICATION CIRCUIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com