Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6019BCB Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # HIP6019BCB
Description  Advanced Dual PWM and Dual Linear Power Control
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6019BCB Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button HIP6019BCB Datasheet HTML 7Page - Renesas Technology Corp HIP6019BCB Datasheet HTML 8Page - Renesas Technology Corp HIP6019BCB Datasheet HTML 9Page - Renesas Technology Corp HIP6019BCB Datasheet HTML 10Page - Renesas Technology Corp HIP6019BCB Datasheet HTML 11Page - Renesas Technology Corp HIP6019BCB Datasheet HTML 12Page - Renesas Technology Corp HIP6019BCB Datasheet HTML 13Page - Renesas Technology Corp HIP6019BCB Datasheet HTML 14Page - Renesas Technology Corp HIP6019BCB Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
FN4587 Rev 1.00
Page 14 of 15
April 13, 2005
HIP6019B
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 1998-2005. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
Rectifier CR1 is a clamp that catches the negative inductor
swing during the dead time between the turn off of the
lower MOSFET and the turn on of the upper MOSFET. The
diode must be a Schottky type to prevent the lossy parasitic
MOSFET body diode from conducting. It is acceptable to
omit the diode and let the body diode of the lower MOSFET
clamp the negative inductor swing, but efficiency might drop
one or two percent as a result. The diode's rated reverse
breakdown voltage must be greater than twice the maximum
input voltage.
PWM2 MOSFET and Schottky Selection
The power dissipation in PWM2 converter power devices is
similar to PWM1 except that the power losses of the lower
device are representative of a Schottky diode instead of a
MOSFET. The transistor power losses follow the PWM1
upper MOSFET equation, so the selection process should
be somewhat similar. The equation below describes the
conduction power losses incurred by the Schottky diode.
As it can be observed, conduction losses in the Schottky
diode are proportional with the forward voltage drop (Vf).
Linear Controller MOSFET Selection
The main criteria for selection of MOSFET for the linear
regulator is package selection for efficient removal of heat.
The power dissipated in a linear regulator is:
Select a package and heatsink that maintains the junction
temperature below the maximum rating while operating at
the highest expected ambient temperature.
+12V
PGND
HIP6019B
GND
LGATE
UGATE
PHASE
VCC
+5V OR LESS
NOTE:
NOTE:
VGS VCC
Q1
Q2
+
-
FIGURE 14. OUTPUT GATE DRIVERS
VGS VCC -5V
CR1
PSCH
IO Vf
VIN VOUT
–

VIN
-------------------------------------------------------------
=
PLINEAR
IO VIN VOUT
–

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com