Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSP50214BVC Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # HSP50214BVC
Description  Programmable Downconverter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSP50214BVC Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button HSP50214BVC Datasheet HTML 36Page - Renesas Technology Corp HSP50214BVC Datasheet HTML 37Page - Renesas Technology Corp HSP50214BVC Datasheet HTML 38Page - Renesas Technology Corp HSP50214BVC Datasheet HTML 39Page - Renesas Technology Corp HSP50214BVC Datasheet HTML 40Page - Renesas Technology Corp HSP50214BVC Datasheet HTML 41Page - Renesas Technology Corp HSP50214BVC Datasheet HTML 42Page - Renesas Technology Corp HSP50214BVC Datasheet HTML 43Page - Renesas Technology Corp HSP50214BVC Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 62 page
background image
HSP50214B
FN4450 Rev 4.00
Page 40 of 62
May 1, 2007
FIFO Operation Via 8-Bit
Processor
Interface
The Buffer RAM Output may also be accessed via the 8-bit
microprocessor interface C(7:0). Figure 41 shows the
conceptual configuration of the 8-bit
processor interface.
Control Word 20, Bit 24 must be set to 0 in order to obtain
Buffer RAM data to this output. The Microprocessor Read
Section describes how to read the data from each sample
out of the C(7:0) interface.
Recall that INTRRP stays low for 8 PROCCLK cycles. The
FIFO can be read before the INTRRP signal goes low; the
number of samples in the FIFO must be monitored by the user.
The timing relationship of the INTRRP to the snapshot data is
shown in Figure 42.
The read pointer of the FIFO is incremented when Control
Word 23 is written to. The data cannot be read from the
next sample until 4 PROCCLKs after the Buffer RAM
pointer has been incremented. Control Word 22 is used to
reset the Read and Write pointers of the Buffer RAM output
to the first sample to 000 and 007 for write and read
respectively.
FIGURE 40A. FIFO DEPTH IS (WRITE - READ)
FIGURE 40B. FIFO FULL IS WHEN (WRITE - READ) = 7
FIGURE 40C. FIFO EMPTY IS WHEN (WRITE - READ) = 1
FIGURE 40D. FIFO READY IS WHEN (WRITE - READ) > DEPTH
FIGURE 40.
WRITE
READ
1
2
3
4
5
67
0
WRITE
FIFO
DEPTH
1
2
3
4
5
67
0
WRITE
READ
1
2
3
4
5
67
0
READ
WRITE
READY
1
2
3
4
5
67
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com