Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL5829/2IN Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL5829/2IN
Description  Dual 12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL5829/2IN Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL5829/2IN Datasheet HTML 1Page - Renesas Technology Corp ISL5829/2IN Datasheet HTML 2Page - Renesas Technology Corp ISL5829/2IN Datasheet HTML 3Page - Renesas Technology Corp ISL5829/2IN Datasheet HTML 4Page - Renesas Technology Corp ISL5829/2IN Datasheet HTML 5Page - Renesas Technology Corp ISL5829/2IN Datasheet HTML 6Page - Renesas Technology Corp ISL5829/2IN Datasheet HTML 7Page - Renesas Technology Corp ISL5829/2IN Datasheet HTML 8Page - Renesas Technology Corp ISL5829/2IN Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ISL5829
FN6020 Rev 1.00
Page 4 of 13
Feb 2002
Pin Descriptions
PIN NO.
PIN NAME
PIN DESCRIPTION
11, 19, 26
AGND
Analog ground.
13, 24
AVDD
Analog supply (+2.7V to +3.6V).
28
CLK
Clock input.
27
DGND
Connect to digital ground.
10
DVDD
Digital supply (+2.7V to +3.6V).
20
FSADJ
Full scale current adjust. Use a resistor to ground to adjust full scale output current. Full scale output
current = 32 x VFSADJ/RSET.
14, 23
NC
Not internally connected. Recommend no connect.
12, 25
ICOMP, QCOMP
Compensation pin for internal bias generation. Each pin should be individually decoupled to AGND with
a 0.1
F capacitor.
1-6, 29-40,
43-48
ID11-ID0, QD11-QD0 Digital data input ports. Bit 11 is most significant bit (MSB) and bit 0 is the least significant bit (LSB).
15, 22
IOUTA, QOUTA
Current outputs of the device. Full scale output current is achieved when all input bits are set to binary 1.
16, 21
IOUTB, QOUTB
Complementary current outputs of the device. Full scale output current is achieved on the complementary
outputs when all input bits are set to binary 0.
17
REFIO
Reference voltage input if Internal reference is disabled. The internal reference is not intended to drive an
external load. Use 0.1
F cap to ground when internal reference is enabled.
18
REFLO
Connect to analog ground to enable internal 1.2V reference or connect to AVDD to disable internal reference.
7, 8, 41, 42
NC
No connect (NC). Not internally connected. No termination required, may be used for device migration to
higher resolution DACs.
9
SLEEP
Connect to digital ground or leave floating for normal operation. Connect to DVDD for sleep mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com