Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6232 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL6232
Description  High Efficiency System Power Supply Controller for Notebook Computers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6232 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL6232 Datasheet HTML 9Page - Renesas Technology Corp ISL6232 Datasheet HTML 10Page - Renesas Technology Corp ISL6232 Datasheet HTML 11Page - Renesas Technology Corp ISL6232 Datasheet HTML 12Page - Renesas Technology Corp ISL6232 Datasheet HTML 13Page - Renesas Technology Corp ISL6232 Datasheet HTML 14Page - Renesas Technology Corp ISL6232 Datasheet HTML 15Page - Renesas Technology Corp ISL6232 Datasheet HTML 16Page - Renesas Technology Corp ISL6232 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
ISL6232
FN9116 Rev 1.00
Page 13 of 25
April 20, 2009
Theory of Operation
The ISL6232 is a high-efficiency quad output controller
optimized for converting battery, wall adapter, or network DC
input voltage into system supply voltages required for
portable applications where high efficiency and low
quiescent supply current are required. The ISL6232
includes two PWM controllers that are fixed at 5V and 3.3V
respectively, or they can be programmed from 0.8V to 5.5V.
Figure 30 shows its functional block diagram. ISL6232 uses
a constant-frequency, 300kHz, peak current-mode PWM
control scheme with 180o out-of-phase operation for
reducing the input ripple current and also ESR requirement
of the input capacitors. Light-load efficiency is improved by
the variable-frequency pulse-skipping operation that reduces
switching losses and gate-charge losses. In order to
eliminate the audio noise at extremely light load condition,
the ultrasonic pulse skipping mode is selectable by tying
SKIP# pin to REF so that a minimum 25kHz switching
frequency can be maintained.
Each switching-mode step-down circuit includes two
external N-MOSFETs and an LC output filter. The output
voltage is the average AC voltage at PHASE node, which is
regulated by changing the duty cycle of the external
N-MOSFETs. The gate-drive signal to the high side
MOSFET must exceed VIN voltage and is provided by a
0.1µF boost capacitor, which is connected between BOOT
and PHASE.
LDO5
BOOT5
UGATE5
PHASE5
LGATE5
PGND
CS5
OUT5
FB5
COMP5
REF
PGOOD
EN5
LDO3
VIN
BOOT3
UGATE3
PHASE3
LGATE3
CS3
OUT3
GND
FB3
COMP3
SKIP#
EN3
SHDN#
VIN: 5.5V TO 22V
OUT5
5V/5A
OUT3
3.3V/5A
Q1
IRF7807V
Q2
IRF7811AV
L1:6.8ˇH
L2: 4.7ˇH
Q3
IRF7807V
Q4
IRF7811AV
C1
10µF
5V ALWAYS ON
C2
180µF
12m
C3
270pF
C4
0.1µF
Rdc1:22mW
R3
300k
R5
390k
C5
270pF
C6
4.7µF
C7
0.22µF
C9
C10
10
C11
220µF
12m
VCC
C13
0.1µF
VCC
C12
4.7µF
3.3V ALWAYS ON
C14
1µF
Rdc218mW
R6
100k
R7:1.5k
R8: 3k
C8: 0.47µF
R9: 1.0k
R4: 2.0k
C15: 0.47µF
VCC
REF
ON
OFF
ISL6232
OUT5
5V/5A
OUT3
3.3V/5A
Q1
IRF7807V
Q2
IRF7811AV
L1:6.8µH
Q3
IRF7807V
Q4
IRF7811AV
C1
10
C3
C4
0.
RDC1:12m
R3
R5
C5
4.7
C7
0.22
C9
0.1µF
C10
10µF
C11
220
C13
VCC
C12
4.7
C14
1
L2:4.7µH RDC2:12m
R6
100k
R7:
R8:
VCC
REF
OFF
OFF
FIGURE 29. ISL6232 TYPICAL APPLICATION CIRCUIT WITH DCR CURRENT SENSING
6.3V
4.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com