Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS9014 Datasheet(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # HCS9014
Description  GENERAL PURPOSE TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

HCS9014 Datasheet(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  HCS9014 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCS9014 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCS9014 Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCS9014 Datasheet HTML 4Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HCS9014(NPN)
GENERAL PURPOSE TRANSISTOR
REPLACEMENT TYPE : S9014
FEATURES
High total power dissipation.(PC=0.45W)
High hFE and good linearity
Complementary to HCS9015
MAXIMUM RATINGS (TA=25°C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-Base Breakdown Voltage
VCBO
IC
=100μA, IE=0
50
V
Collector-Emitter Breakdown Voltage
VCEO
IC=1mA, IB=0
45
V
Emitter-Base Breakdown Voltage
VEBO
IE
=100μA , IC=0
5
V
Collector Cut-off Current
ICBO
VCB=50V , IE=0
0.1
μA
Collector cut-off current
ICEO
VCE=35V, IB=0
1
μA
Emitter Cut-off Current
IEBO
VEB=5V , IC=0
0.1
μA
DC Current Gain
hFE(1)
VCE=5V , IC=1mA
60
1000
Collector-Emitter Saturation Voltage
VCE(sat)
IC=100mA , IB=5A
0.3
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=100mA , IB=5mA
1
V
Transition Frequency
fT
VCE=5V , IC=10mA f=30MHz
150
MHz
CLASSIFICATION OF hFE
Rank
A
B
C
C
Range
60-150
100-300
200-600
400-1000
Parameter
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
45
V
Emitter-Base Voltage
VEBO
5
V
Collector Current-Continuous
IC
100
mA
Collector Power Dissipation
PC
450
mW
Junction Temperature
TJ
150
°C
Storage Temperature
Tstg
-55 -150
°C
TO-92
1:EMITTER
2:BASE
3:COLLECTOR
©GUANGDONG HOTTECH INDUSTRIAL CO.,LTD
E-mail:hkt@heketai.com
1 / 4


Similar Part No. - HCS9014

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
HCS9012 HOTTECH-HCS9012 Datasheet
395Kb / 4P
GENERAL PURPOSE TRANSISTOR
HCS9013 HOTTECH-HCS9013 Datasheet
211Kb / 4P
GENERAL PURPOSE TRANSISTOR
HCS9015 HOTTECH-HCS9015 Datasheet
219Kb / 4P
GENERAL PURPOSE TRANSISTOR
HCS9018 HOTTECH-HCS9018 Datasheet
369Kb / 4P
GENERAL PURPOSE TRANSISTOR
More results

Similar Description - HCS9014

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com