Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCSS8050 Datasheet(PDF) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # HCSS8050
Description  GENERAL PURPOSE TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

HCSS8050 Datasheet(HTML) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  HCSS8050 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCSS8050 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCSS8050 Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCSS8050 Datasheet HTML 4Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©GUANGDONG HOTTECH INDUSTRIAL CO.,LTD
E-mail:hkt@heketai.com
2 / 4
HCSS8050(NPN)
GENERAL PURPOSE TRANSISTOR
Typical Characteristics
0.2
0.4
0.6
0.8
1.0
1.2
1
10
100
1000
110
100
1
10
100
1000
1
10
100
1000
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1
10
1
10
100
1
10
100
1000
10
100
1000
0.0
0.5
1.0
1.5
2.0
2.5
0
20
40
60
80
100
120
140
1
10
100
1000
1
10
100
1000
300
30
3
30
3
1500
300
30
3
COMMON EMITTER
V
CE
=1V
BASE-EMMITER VOLTAGE
V
BE
(V)
I
C
V
BE
——
T
a
=100
T
a
=25
I
C
f
T
——
COLLECTOR CURRENT
I
C
(mA)
V
CE
=10V
T
a
=25
COLLECTOR CURRENT
I
C
(mA)
I
C
V
BEsat
——
=10
T
a
=100
T
a
=25
1500
C
ob
C
ib
REVERSE VOLTAGE
V
(V)
V
CB
/ V
EB
C
ob
/ C
ib
——
f=1MHz
I
E
=0/I
C
=0
T
a
=25
200
20
300
30
3
300
30
3
3
30
300
300
30
3
30
300
COMMON EMITTER
V
CE
=1V
COLLECTOR CURRENT
I
C
(mA)
T
a
=100
T
a
=25
I
C
h
FE
——
1500
COMMON
EMITTER
T
a
=25
500uA
450uA
400uA
350uA
300uA
250uA
200uA
150uA
100uA
I
B
=50uA
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
Static Characteristic
3
0.3
30
3
=10
T
a
=100
T
a
=25
COLLECTOR CURRENT
I
C
(mA)
I
C
V
CEsat
——
1500
0
25
50
75
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
P
C
——
T
a
AMBIENT TEMPERATURE
T
a
(
)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com