Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6410AIU Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL6410AIU
Description  Single Synchronous Buck Regulators with Integrated FET
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6410AIU Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL6410AIU Datasheet HTML 10Page - Renesas Technology Corp ISL6410AIU Datasheet HTML 11Page - Renesas Technology Corp ISL6410AIU Datasheet HTML 12Page - Renesas Technology Corp ISL6410AIU Datasheet HTML 13Page - Renesas Technology Corp ISL6410AIU Datasheet HTML 14Page - Renesas Technology Corp ISL6410AIU Datasheet HTML 15Page - Renesas Technology Corp ISL6410AIU Datasheet HTML 16Page - Renesas Technology Corp ISL6410AIU Datasheet HTML 17Page - Renesas Technology Corp ISL6410AIU Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
FN9149 Rev 3.00
Page 1 of 13
September 17, 2004
FN9149
Rev 3.00
September 17, 2004
ISL6410, ISL6410A
Single Synchronous Buck Regulators with Integrated FET
DATASHEET
The ISL6410, ISL6410A are synchronous current-mode
PWM regulators designed to provide a total DC-DC solution
for microcontrollers, microprocessors, CPLDs, FPGAs, core
processors/BBP/MAC, and ASICs. The ISL6410 should be
selected for applications using 3.3V ±10% as an input
voltage and the ISL6410A in applications requiring 5.0V
±10%.
These synchronous current mode PWM regulators have
integrated N- and P-Channel power MOSFETs and provide
pre-set pin programmable outputs. Synchronous rectification
with internal MOSFETs is used to achieve higher efficiency
and a reduced external component count. The operating
frequency of 750kHz typical allows the use of small inductor
and capacitor values. The device can be synchronized to an
external clock signal in the range of 500kHz to 1MHz. A
power good signal “PG” is generated when the output
voltage falls outside the regulation limits. Other features
include overcurrent protection and thermal overload
shutdown. The ISL6410, ISL6410A are available in an
MSOP 10 lead package.
Features
• Fully Integrated Synchronous Buck Regulator
• PWM Fixed Output Voltage Options
- 1.8V, 1.5V or 1.2V with ISL6410 (VIN = 3.3V)
- 3.3V, 1.8V or 1.2V with ISL6410A (VIN = 5.0V)
• Continuous Output Current . . . . . . . . . . . . . . . . . . 600mA
• Ultra-Compact DC-DC Converter Design
• Stable with Small Ceramic Output Capacitors
• High Conversion Efficiency
• Extensive Circuit Protection and Monitoring features
- Overvoltage, UVLO
- Overcurrent
- Thermal Shutdown
• Available in MSOP and QFN packages
• QFN Package:
- Compliant to JEDEC PUB95 MO-220
QFN - Quad Flat No Leads - Package Outline
- Near Chip Scale Package footprint, which improves
PCB efficiency and has a thinner profile
• Pb-Free Packaging Available
Applications
• CPUs, DSP, CPLDs, FPGAs
• ASICs
• DVD and DSL applications
•WLAN Cards
• Generic 5V to 3.3V Conversion
Pinouts
Ordering Information
PART NUMBER*
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL6410IR
-40 to 85
16 Ld 4x4 QFN
L16.4x4
ISL6410IRZ (Note)
-40 to 85
16 Ld 4x4 QFN
(Pb-free)
L16.4x4
ISL6410IU
-40 to 85
10 Ld MSOP
M10.118
ISL6410IUZ (Note)
-40 to 85
10 Ld MSOP (Pb-free) M10.118
ISL6410AIR
-40 to 85
16 Ld 4x4 QFN
L16.4x4
ISL6410AIRZ (Note)
-40 to 85
16 Ld 4x4 QFN
(Pb-free)
L16.4x4
ISL6410AIU
-40 to 85
10 Ld MSOP
M10.118
ISL6410AIUZ (Note)
-40 to 85
10 Ld MSOP (Pb-free) M10.118
*For tape and reel, add “-T”, “-TK” or “-T5K” suffix.
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which is compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J Std-020B.
ISL6410 (MSOP)
TOP VIEW
ISL6410 (QFN)
TOP VIEW
PVCC
VIN
GND
PG
FB
PGND
L
EN
SYNC
VSET
1
2
3
4
5
10
9
8
7
6
1
3
4
15
VIN
CT
GND
PG
16
14
13
2
12
10
9
11
6
57
8
NC
RESET
EN
SYNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com