Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8013AEVAL2Z Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL8013AEVAL2Z
Description  3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8013AEVAL2Z Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL8013AEVAL2Z Datasheet HTML 1Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 2Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 3Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 4Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 5Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 6Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 7Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 8Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ISL8013A
FN7526 Rev 2.00
Page 2 of 16
November 17, 2014
Pin Configuration
ISL8013A
(16 LD QFN)
TOP VIEW
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL8013AIRZ
80 13AIRZ
-40 to +85
16 Ld 4x4 QFN
L16.4x4
ISL8013AEVAL2Z
Evaluation Board
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL8013A. For more information on MSL please see techbrief TB363.
1
3
4
15
VIN
VIN
VDD
SYNCH
16
14
13
2
12
10
9
11
6
57
8
PGND
PGND
SGND
SGND
REFER TO APPLICATION NOTE AN1365 FOR MORE LAYOUT SUGGESTIONS.
PAD
Pin Descriptions
PIN NUMBER
PIN NAME
DESCRIPTION
1, 2
VIN
Input supply voltage. Connect a 10µF ceramic capacitor to power ground.
3
VDD
Input supply voltage for the analog circuitry. Connect to VIN pin.
5
EN
Regulator enable pin. Enable the output when driven to high. Shut down the chip and discharge output
capacitor when driven to low. Do not leave this pin floating.
7
PG
1ms timer output. At power-up or EN HI, this output is a 1ms delayed power-good signal for the output
voltage.
4
SYNCH
Mode Selection pin. Connect to logic high or input voltage VDD for PWM mode. Connect to logic low or
ground for PFM mode. Connect to an external function generator for synchronization with the negative
edge trigger. Do not leave this pin floating.
13, 14, 15
LX
Switching node connection. Connect to one terminal of the inductor.
11, 12
PGND
Power ground
9, 10
SGND
Signal ground
8
VFB
Buck regulator output feedback. Connect to the output through a resistor divider for adjustable output
voltage. For 0.8V output voltage, connect this pin to the output.
6, 16
NC
No connect
-
Exposed Pad
The exposed pad must be connected to the SGND pin for proper electrical performance. Place as many
vias as possible under the pad connecting to SGND plane for optimal thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com