Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVQ6523-R-00A Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # EVQ6523-R-00A
Description  0.9A, 28V Three half-bridge Motor Driver Evaluation Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EVQ6523-R-00A Datasheet(HTML) 5 Page - Monolithic Power Systems

  EVQ6523-R-00A Datasheet HTML 1Page - Monolithic Power Systems EVQ6523-R-00A Datasheet HTML 2Page - Monolithic Power Systems EVQ6523-R-00A Datasheet HTML 3Page - Monolithic Power Systems EVQ6523-R-00A Datasheet HTML 4Page - Monolithic Power Systems EVQ6523-R-00A Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
EV6523-R-00A - 0.9A, 28V THREE HALF-BRIDGE MOTOR DRIVER EVALUATION BOARD
NOTICE: The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
EVQ6523-R-00A Rev. 1.0
www.MonolithicPower.com
5
12/22/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
QUICK START GUIDE
1. Power Requirements
a. Power supply range: 7V to 28V, 3A Max.
VIN
GND
MP6523 Demo Board
MPS
SW1
CN1
U2
EV6523-R-00A
VS
OUT3
OUT2
OUT1
GND
VCC
CN3
SW3
CN5
3.3V
5V
S1
S2
S3
S4
OFF
ON
GND
DI
CLK
CS
DO
Figure 3
— EVQ6523-R-00A Bird’s-eye View
2. Setup Condition
a. Adjust the power supply VIN with recommended operating range (7V to 28V).
b. Input for VCC power supply is on board (5V or 3.3V, use SW1 to adjust).
c. Easy adaptation of loads by CN3
– CN5.
d. EN alternatively connected to VCC or GND, selected by S4 of SW3.
e. Serial data interface control via CN1 connectors.
3. Monitors
a. For full-bridge application, indicate rotation direction of DC motors can be observed by LEDs if
S1
– S2 of SW3 switches ON position.
b. All pins are easily accessible via test points.
c. A low output at FAULT indicates that the IC has detected an over-temperature or over-current
condition.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com