Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM48 Datasheet(PDF) 21 Page - Bel Fuse Inc.

Part # STM48
Description  48V-to-PoL isolated DC-DC converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

STM48 Datasheet(HTML) 21 Page - Bel Fuse Inc.

Back Button STM48 Datasheet HTML 17Page - Bel Fuse Inc. STM48 Datasheet HTML 18Page - Bel Fuse Inc. STM48 Datasheet HTML 19Page - Bel Fuse Inc. STM48 Datasheet HTML 20Page - Bel Fuse Inc. STM48 Datasheet HTML 21Page - Bel Fuse Inc. STM48 Datasheet HTML 22Page - Bel Fuse Inc. STM48 Datasheet HTML 23Page - Bel Fuse Inc. STM48 Datasheet HTML 24Page - Bel Fuse Inc. STM48 Datasheet HTML 25Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
STM48-MAIN
STM48-SATELLITE
Rev. 1.0 – 21/02/2018
www.powerstamp.org
Page 21 of 30
belfuse.com/power-solutions
Paralleling – MAIN and SATELLITE Configuration
MAIN
Digital Multi-cell
Controller
MCU
Power
Monitor
PMBus
SVID /
AVS
IRQ
+IN
S
-IN
PuC
VOUT
GND
Power Train
SATELLITE #n
+IN
-IN
VOUT
GND
STARTn, PWMnS
CSPn, CSNn
TMPn, TMNn
PWMnX
PWMnY
+IN
-IN
VOUT
GND
PMBus I/F
SVID I/F
CPU I/F
+5V
+5V
VCC
+5V
VDD
VCC
+5V
VDD
PuC I/F
PWMnX
PWMnY
STARTn, PWMnS
CSPn, CSNn
TMPn, TMNn
Paralleled MAIN and SATELLITE in a non-isolated configuration. The power train of both MAIN and SATELLITE Power
Stamps is inherently isolated; the power path isolation can be shorted on the motherboard in non-isolated
applications. Optional digital isolators can provide isolated feedback and isolated input telemetry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com