Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCM Datasheet(PDF) 2 Page - Vicor Corporation

Part # DCM
Description  Isolated, Regulated DC-DC Converter Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

DCM Datasheet(HTML) 2 Page - Vicor Corporation

  DCM Datasheet HTML 1Page - Vicor Corporation DCM Datasheet HTML 2Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
vicorpower.com
Rev 3.5
03/2018
Typical Application
Single DCM3714xD2H26D7yzz in Local Sense Operation, to a non-isolated regulator, and direct to load
Block Diagram
Typical 24V input to point of load.
+IN
+OUT
VDDE
EN
TR
-SENSE
+SENSE
-IN
-OUT
DCMTM in a VIA package
COUT-EXT
C
F
VIN
Non-isolated
Point-of-Load
Regulator
Load 1
Load 2
24V
DC
16V
5V
48V
12V
(2)
DCM
DCM
Cool-Power
ZVS Bucks
Cool-Power
ZVS Bucks
DCM Part Numbering
[a] High temperature power derating may apply.
[b] M-Grade available on selected models. Consult vicorpower.com for details.
[c] ±1% output voltage regulation accuracy on selected models. Consult vicorpower.com for details.
Product
Function
Package
Length
Package
Width
Package
Type
Internal Reference
Product Grade
(Case Temperature)
Option Field
D
C
M
37
14
x
D2
H
26
D7
y
z
z
DCM =
DC-DC Converter
ChiP: mm x 10
T = Through Hole ChiP
Internal Reference
T = -40 to 125°C
M = -55 to 125°C
ChiP
00 = Analog
70 = Enhanced VOUT
Regulation [c]
VIA: Inches x 10
B = Board VIA
V = Chassis VIA
C = -20 to 100°C [a]
T = -40 to 100°C [a]
M = -55 to 100°C [a,b]
VIA
01 = Chassis/Analog
05 = Short Pin/Analog
09 = Long Pin/Analog



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com