Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC125 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M54HC125
Description  RAD-HARD QUAD BUS BUFFER (3-STATE)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC125 Datasheet(HTML) 2 Page - STMicroelectronics

  M54HC125 Datasheet HTML 1Page - STMicroelectronics M54HC125 Datasheet HTML 2Page - STMicroelectronics M54HC125 Datasheet HTML 3Page - STMicroelectronics M54HC125 Datasheet HTML 4Page - STMicroelectronics M54HC125 Datasheet HTML 5Page - STMicroelectronics M54HC125 Datasheet HTML 6Page - STMicroelectronics M54HC125 Datasheet HTML 7Page - STMicroelectronics M54HC125 Datasheet HTML 8Page - STMicroelectronics M54HC125 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
M54HC125
2/9
IEC LOGIC SYMBOLS
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied
PIN N°
SYMBOL
NAME AND FUNCTION
1, 4, 10, 13
1G TO 4G
Output Enable Input
2, 5, 9, 12
1A TO 4A
Data Inputs
3, 6, 8, 11
1Y TO 4Y
Data Outputs
7
GND
Ground (0V)
14
VCC
Positive Supply Voltage
AG
Y
XH
Z
LLL
HLH
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7
V
VI
DC Input Voltage
-0.5 to VCC +0.5
V
VO
DC Output Voltage
-0.5 to VCC +0.5
V
IIK
DC Input Diode Current
± 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 35
mA
ICC or IGND DC VCC or Ground Current
± 70
mA
PD
Power Dissipation
420
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
265
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com