Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEP0801SLC Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # TEP0801SLC
Description  Ultra Low Capacitance TVS/ESD Protection Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

TEP0801SLC Datasheet(HTML) 2 Page - Rectron Semiconductor

  TEP0801SLC Datasheet HTML 1Page - Rectron Semiconductor TEP0801SLC Datasheet HTML 2Page - Rectron Semiconductor TEP0801SLC Datasheet HTML 3Page - Rectron Semiconductor TEP0801SLC Datasheet HTML 4Page - Rectron Semiconductor TEP0801SLC Datasheet HTML 5Page - Rectron Semiconductor TEP0801SLC Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ABSOLUTE MAXIMUM RATING
Symbol
Parameter
Value
Units
VESD
ESD per IEC 61000-4-2 (Air)
ESD per IEC 61000-4-2 (Contact)
±17
±12
kV
TOPT
Operating Temperature
-55/+125
°C
TSTG
Storage Temperature
-55/+150
°C
ELECTRICAL CHARACTERISTICS (Tamb=25°°°C)
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
VRWM
Reverse Working Voltage
5.0
V
VBR
Reverse Breakdown
Voltage
IT = 1mA
6.0
8.8
11
V
IR
Reverse Leakage Current
VRWM = 5V
0.01
1.0
μ
A
VC1
Clamping Voltage 1
IPP = 1A, tp = 8/20μs
12
V
VC2
Clamping Voltage 2
IPP = 2A, tp = 8/20μs
14
V
CJ
Junction Capacitance
VR = 0V, f = 1MHz
0.35
0.50
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com