Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LG-M67K Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LG-M67K
Description  white SMT package, colorless clear resin
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LG-M67K Datasheet(HTML) 4 Page - OSRAM GmbH

  LG-M67K Datasheet HTML 1Page - OSRAM GmbH LG-M67K Datasheet HTML 2Page - OSRAM GmbH LG-M67K Datasheet HTML 3Page - OSRAM GmbH LG-M67K Datasheet HTML 4Page - OSRAM GmbH LG-M67K Datasheet HTML 5Page - OSRAM GmbH LG-M67K Datasheet HTML 6Page - OSRAM GmbH LG-M67K Datasheet HTML 7Page - OSRAM GmbH LG-M67K Datasheet HTML 8Page - OSRAM GmbH LG-M67K Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
2014-10-30
4
Version 1.2
LG M67K
Characteristics (T
S = 25 °C; IF = 2 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Wavelength at peak emission
Wellenlänge d. emittierten Lichtes
(typ.)
λ
peak
572
nm
Dominant Wavelength
3) page 19
Dominantwellenlänge 3) Seite 19
(min.)
(typ.)
(max.)
λ
dom
λ
dom
λ
dom
566
570
575
nm
nm
nm
Spectral bandwidth at 50% I
rel max
Spektrale Bandbreite b. 50% I
rel max
(typ.)
∆λ
22
nm
Viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
V
(typ.)
2ϕ
120
°
Forward voltage 4) page 19
Durchlassspannung
4) Seite 19
(min.)
(typ.)
(max.)
V
F
V
F
V
F
1.70
1.80
2.20
V
V
V
Reverse current
Sperrstrom
(V
R = 12 V)
(typ.)
(max.)
I
R
I
R
0.01
10
µA
µA
Temperature coefficient of λ
peak
Temperaturkoeffizient von λ
peak
(-10°C ≤ T ≤ 100°C)
(typ.)
TC
λpeak
0.11
nm/K
Temperature coefficient of λ
dom
Temperaturkoeffizient von λ
dom
(-10°C ≤ T ≤ 100°C)
(typ.)
TC
λdom
0.1
nm/K
Temperature coefficient of V
F
Temperaturkoeffizient von V
F
(-10°C ≤ T ≤ 100°C)
(typ.)
TC
V
-2.30
mV/K
Real thermal resistance junction / ambient
5) page 19 , 6) page 19
Realer Wärmewiderstand Sperrschicht /
Umgebung 5) Seite 19 , 6) Seite 19
(max.)
R
th JA real
530
K/W
Real thermal resistance junction / solder point
6) page 19
Realer Wärmewiderstand Sperrschicht / Lötpad
6) Seite 19
(max.)
R
th JS real
280
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com