Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL29021 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL29021
Description  Digital Proximity Sensor with Interrupt Function
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL29021 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL29021 Datasheet HTML 1Page - Renesas Technology Corp ISL29021 Datasheet HTML 2Page - Renesas Technology Corp ISL29021 Datasheet HTML 3Page - Renesas Technology Corp ISL29021 Datasheet HTML 4Page - Renesas Technology Corp ISL29021 Datasheet HTML 5Page - Renesas Technology Corp ISL29021 Datasheet HTML 6Page - Renesas Technology Corp ISL29021 Datasheet HTML 7Page - Renesas Technology Corp ISL29021 Datasheet HTML 8Page - Renesas Technology Corp ISL29021 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ISL29021
FN6732 Rev 0.00
Page 2 of 12
March 3, 2009
Pinout
ISL29021
(8 LD ODFN
TOP VIEW)
Block Diagram
1
2
3
8
7
6
VDDD
VDDA
GND
IRDR
INT
SDA
4
5
REXT
SCL
EXPOSED PAD CAN BE CONNECTED TO GND OR
ELECTRICALLY ISOLATED
Pin Descriptions
PIN NUMBER PIN NAME
DESCRIPTION
1
VDDD
Positive digital supply: 2.5V to 3.63V.
2
VDDA
Positive analog supply: 2.5V to 3.63V, VDDA and VDDD should be externally shorted.
3
GND
Ground.
4
REXT
External resistor pin setting the internal reference current and the conversion time. 499k
 with 1% tolerance resistor
is recommended.
5SCL
I2C serial clock line
The I2C bus lines can be pulled from 1.7V to above VDD, 3.63V max.
6SDA
I2C serial data line
7INT
Interrupt pin; LO for interrupt/alarming. The INT pin is an open drain.
8
IRDR
IR LED driver pin connecting to the anode of the external IR LED. The source current of the IR LED driver can be
programmed through I2C.
Exposed pad connected to ground or electrically isolated.
VDDA
REXT
GND
SDA
SCL
IR PHOTODIODE
IR DATA
4
3
6
2
FOSC
IREF
5
IRDR
ISL29021
ARRAY
PROCESS
INTEGRATION
ADC
8
VDDD
1
INT
7
COMMAND
REGISTER
DATA
REGISTER
I2C
IR DRIVER
INTERRUPT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com