Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2730 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2730
Description  Low Supply Voltage Single Operational Amplifier with Full Swing Input and Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2730 Datasheet(HTML) 7 Page - New Japan Radio

  NJM2730 Datasheet HTML 1Page - New Japan Radio NJM2730 Datasheet HTML 2Page - New Japan Radio NJM2730 Datasheet HTML 3Page - New Japan Radio NJM2730 Datasheet HTML 4Page - New Japan Radio NJM2730 Datasheet HTML 5Page - New Japan Radio NJM2730 Datasheet HTML 6Page - New Japan Radio NJM2730 Datasheet HTML 7Page - New Japan Radio NJM2730 Datasheet HTML 8Page - New Japan Radio NJM2730 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
NJM2730
Gain Bandwidth Product vs. Load Capacitance
0
00
0
0.2
0.2
0.2
0.2
0.4
0.4
0.4
0.4
0.6
0.6
0.6
0.6
0.8
0.8
0.8
0.8
1
11
1
1.2
1.2
1.2
1.2
1.4
1.4
1.4
1.4
100
100
100
100
1000
1000
1000
1000
10000
10000
10000
10000
Load Capacitance [pF]
V
V
V
V
+
++
+ =5V,G
=5V,G
=5V,G
=5V,G
V
V
V
V=40dB,V
=40dB,V
=40dB,V
=40dB,V
IN
IN
IN
IN=-30dBm,
=-30dBm,
=-30dBm,
=-30dBm,
R
R
R
R
s
ss
s=50,R
=50,R
=50,R
=50,R
g
gg
g=20,R
=20,R
=20,R
=20,R
ffff=2k
=2k
=2k
=2k,Ta=25℃
,Ta=25℃
,Ta=25℃
,Ta=25℃
Phase Margin vs. Load Capacitance
0
00
0
10
10
10
10
20
20
20
20
30
30
30
30
40
40
40
40
50
50
50
50
60
60
60
60
70
70
70
70
100
100
100
100
1000
1000
1000
1000
10000
10000
10000
10000
Load Capacitance [pF]
V
V
V
V
+
++
+ =5V,G
=5V,G
=5V,G
=5V,G
V
V
V
V=40dB,V
=40dB,V
=40dB,V
=40dB,V
IN
IN
IN
IN=-30dBm,
=-30dBm,
=-30dBm,
=-30dBm,
R
R
R
R
s
ss
s=50,R
=50,R
=50,R
=50,R
g
gg
g=20,R
=20,R
=20,R
=20,R
ffff=2k
=2k
=2k
=2k,Ta=25℃
,Ta=25℃
,Ta=25℃
,Ta=25℃
Pulse Responce(Rise)
-0.6
-0.6
-0.6
-0.6
-0.2
-0.2
-0.2
-0.2
0.2
0.2
0.2
0.2
0.6
0.6
0.6
0.6
1
11
1
1.4
1.4
1.4
1.4
1.8
1.8
1.8
1.8
-9.70E-05
-9.70E-05
-9.70E-05
-9.70E-05 -9.50E-05
-9.50E-05
-9.50E-05
-9.50E-05 -9.30E-05
-9.30E-05
-9.30E-05
-9.30E-05 -9.10E-05
-9.10E-05
-9.10E-05
-9.10E-05 -8.90E-05
-8.90E-05
-8.90E-05
-8.90E-05 -8.70E-05
-8.70E-05
-8.70E-05
-8.70E-05
Time [us]
-1.8
-1.8
-1.8
-1.8
-1.4
-1.4
-1.4
-1.4
-1
-1
-1
-1
-0.6
-0.6
-0.6
-0.6
-0.2
-0.2
-0.2
-0.2
0.2
0.2
0.2
0.2
0.6
0.6
0.6
0.6
0
00
02
22
24
44
46
66
68
88
810
10
10
10
V
V
V
V
+
++
+=5V,V
=5V,V
=5V,V
=5V,Vinininin=1Vp-p,f=10kHz,
=1Vp-p,f=10kHz,
=1Vp-p,f=10kHz,
=1Vp-p,f=10kHz,
G
G
G
Gvvvv=0dB,R
=0dB,R
=0dB,R
=0dB,RSSSS=50,R
=50,R
=50,R
=50,RLLLL=2k,
=2k,
=2k,
=2k,C
C
C
CLLLL=0F
=0F
=0F
=0F
Input
Output
Ta=-40℃
Ta=-40℃
Ta=-40℃
Ta=-40℃
25℃
25℃
25℃
25℃
85℃
85℃
85℃
85℃
(Temp.)
1.9
1.9
1.9
1.9
2.3
2.3
2.3
2.3
2.7
2.7
2.7
2.7
3.1
3.1
3.1
3.1
3.5
3.5
3.5
3.5
3.9
3.9
3.9
3.9
4.3
4.3
4.3
4.3
0.7
0.7
0.7
0.7
1.1
1.1
1.1
1.1
1.5
1.5
1.5
1.5
1.9
1.9
1.9
1.9
2.3
2.3
2.3
2.3
2.7
2.7
2.7
2.7
3.1
3.1
3.1
3.1
Pulse Responce(Fall)
-0.6
-0.6
-0.6
-0.6
-0.2
-0.2
-0.2
-0.2
0.2
0.2
0.2
0.2
0.6
0.6
0.6
0.6
1
11
1
1.4
1.4
1.4
1.4
1.8
1.8
1.8
1.8
-9.70E-05
-9.70E-05
-9.70E-05
-9.70E-05 -9.50E-05
-9.50E-05
-9.50E-05
-9.50E-05 -9.30E-05
-9.30E-05
-9.30E-05
-9.30E-05 -9.10E-05
-9.10E-05
-9.10E-05
-9.10E-05 -8.90E-05
-8.90E-05
-8.90E-05
-8.90E-05 -8.70E-05
-8.70E-05
-8.70E-05
-8.70E-05
Time [us]
-1.8
-1.8
-1.8
-1.8
-1.4
-1.4
-1.4
-1.4
-1
-1
-1
-1
-0.6
-0.6
-0.6
-0.6
-0.2
-0.2
-0.2
-0.2
0.2
0.2
0.2
0.2
0.6
0.6
0.6
0.6
0
00
02
22
24
44
46
66
68
88
810
10
10
10
V
V
V
V
+
++
+ =5V,V
=5V,V
=5V,V
=5V,Vinininin=1Vp-p,f=10kHz,
=1Vp-p,f=10kHz,
=1Vp-p,f=10kHz,
=1Vp-p,f=10kHz,
G
G
G
Gvvvv=0dB,R
=0dB,R
=0dB,R
=0dB,RSSSS=50,R
=50,R
=50,R
=50,RLLLL=2k,
=2k,
=2k,
=2k,C
C
C
CLLLL=0F
=0F
=0F
=0F
Output
Input
Ta=-40℃
Ta=-40℃
Ta=-40℃
Ta=-40℃
25℃
25℃
25℃
25℃
85℃
85℃
85℃
85℃
(Temp.)
1.9
1.9
1.9
1.9
2.3
2.3
2.3
2.3
2.7
2.7
2.7
2.7
3.1
3.1
3.1
3.1
3.5
3.5
3.5
3.5
3.9
3.9
3.9
3.9
4.3
4.3
4.3
4.3
0.7
0.7
0.7
0.7
1.1
1.1
1.1
1.1
1.5
1.5
1.5
1.5
1.9
1.9
1.9
1.9
2.3
2.3
2.3
2.3
2.7
2.7
2.7
2.7
3.1
3.1
3.1
3.1
Overshoot vs. Load Capacitance
0
00
0
5
55
5
10
10
10
10
15
15
15
15
20
20
20
20
25
25
25
25
100
100
100
100
1000
1000
1000
1000
10000
10000
10000
10000
Load Capacitance [pF]
V
V
V
V
+
++
+ =5V,V
=5V,V
=5V,V
=5V,V
IN
IN
IN
IN=1V
=1V
=1V
=1V
p-p
p-p
p-p
p-p,f=10kHz,G
,f=10kHz,G
,f=10kHz,G
,f=10kHz,G
V
V
V
V =0dB
=0dB
=0dB
=0dB
R
R
R
R
S
S
S
S=50,R
=50,R
=50,R
=50,R
L
LL
L=2k,Ta=25℃
=2k,Ta=25℃
=2k,Ta=25℃
=2k,Ta=25℃
OS+
OS+
OS+
OS+
OS-
OS-
OS-
OS-
Pulse Responce
-0.6
-0.6
-0.6
-0.6
-0.2
-0.2
-0.2
-0.2
0.2
0.2
0.2
0.2
0.6
0.6
0.6
0.6
1
11
1
1.4
1.4
1.4
1.4
1.8
1.8
1.8
1.8
-1.18E-
-1.18E-
-1.18E-
-1.18E-
04
04
04
04
-9.80E-
-9.80E-
-9.80E-
-9.80E-
05
05
05
05
-7.80E-
-7.80E-
-7.80E-
-7.80E-
05
05
05
05
-5.80E-
-5.80E-
-5.80E-
-5.80E-
05
05
05
05
-3.80E-
-3.80E-
-3.80E-
-3.80E-
05
05
05
05
-1.80E-
-1.80E-
-1.80E-
-1.80E-
05
05
05
05
Time [us]
-1.8
-1.8
-1.8
-1.8
-1.4
-1.4
-1.4
-1.4
-1
-1
-1
-1
-0.6
-0.6
-0.6
-0.6
-0.2
-0.2
-0.2
-0.2
0.2
0.2
0.2
0.2
0.6
0.6
0.6
0.6
0
00
020
20
20
20
40
40
40
40
60
60
60
60
80
80
80
80
100
100
100
100
V
V
V
V
+
++
+=5V,V
=5V,V
=5V,V
=5V,Vinininin=1Vp-p,f=10kHz,G
=1Vp-p,f=10kHz,G
=1Vp-p,f=10kHz,G
=1Vp-p,f=10kHz,GVVVV=0dB
=0dB
=0dB
=0dB
R
R
R
RSSSS=50,R
=50,R
=50,R
=50,RLLLL=2k,
=2k,
=2k,
=2k,C
C
C
CLLLL=0F
=0F
=0F
=0F,Ta=25℃
,Ta=25℃
,Ta=25℃
,Ta=25℃
1.9
1.9
1.9
1.9
2.3
2.3
2.3
2.3
2.7
2.7
2.7
2.7
3.1
3.1
3.1
3.1
3.5
3.5
3.5
3.5
3.9
3.9
3.9
3.9
4.3
4.3
4.3
4.3
0.7
0.7
0.7
0.7
1.1
1.1
1.1
1.1
1.5
1.5
1.5
1.5
1.9
1.9
1.9
1.9
2.3
2.3
2.3
2.3
2.7
2.7
2.7
2.7
3.1
3.1
3.1
3.1
Input
Output



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com