Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJU6050 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJU6050
Description  High Efficiency White LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU6050 Datasheet(HTML) 7 Page - New Japan Radio

  NJU6050 Datasheet HTML 1Page - New Japan Radio NJU6050 Datasheet HTML 2Page - New Japan Radio NJU6050 Datasheet HTML 3Page - New Japan Radio NJU6050 Datasheet HTML 4Page - New Japan Radio NJU6050 Datasheet HTML 5Page - New Japan Radio NJU6050 Datasheet HTML 6Page - New Japan Radio NJU6050 Datasheet HTML 7Page - New Japan Radio NJU6050 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
-7 -
NJU6050
Ver.2004-02-25
TYPICAL APPLICATION CIRCUITS
(1) 8 white LEDs
(2) 8 white LEDs & Dimming control by external PWM signal
Referential List of External Components
Component
Supplier / Parts Number
Qty
Value
IC1
LED Driver IC
NJRC / NJU6050F
1
L1
Inductor
TDK / VLF3010AT-100MR49
1
10
µH
D1
Schottky Diode
ROHM / RB160M-30
1
D2
Zener Diode
ROHM / UDZS27B
1
27V
C1
Ceramic Capacitor
TAIYO YUDEN / JMK107 BJ475MA
1
4.7
µF 6.3V
C2
Ceramic Capacitor
TAIYO YUDEN / GMK316BJ105
1
1
µF 35V
RLED(R1)
Chip Resistor
Standard
1
30
Ω
R2
Chip Resistor
Standard
1
120k
Ω
R3
Chip Resistor
Standard
1
240k
Ω
R4
Chip Resistor
Standard
1
620k
Ω
LED1 to 8
White LED
NICHIA / NSCW215T
8
D1
L1
C2
SHDNb
C1
VDD
VSS
SW
VIN
VOUT
RLED
(30
Ω)
FB
R2
R3
R4
3V(VBIAS)
PWM Input
D2
D1
L1
C2
SHDNb
C1
VDD
VSS
SW
VIN
VOUT
RLED
(60
Ω)
FB
D2
R2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com