Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LO-P47F Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LO-P47F
Description  white SMT package, colorless clear resin
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LO-P47F Datasheet(HTML) 5 Page - OSRAM GmbH

  LO-P47F Datasheet HTML 1Page - OSRAM GmbH LO-P47F Datasheet HTML 2Page - OSRAM GmbH LO-P47F Datasheet HTML 3Page - OSRAM GmbH LO-P47F Datasheet HTML 4Page - OSRAM GmbH LO-P47F Datasheet HTML 5Page - OSRAM GmbH LO-P47F Datasheet HTML 6Page - OSRAM GmbH LO-P47F Datasheet HTML 7Page - OSRAM GmbH LO-P47F Datasheet HTML 8Page - OSRAM GmbH LO-P47F Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Version 1.2
LO P47F
2013-10-11
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups 4) page 21
Durchlassspannungsgruppen 4)Seite 21
Group
Luminous Intensity
1) page 21
Luminous Intensity
1) page 21
Luminous Flux 7) page 21
Gruppe
Lichtstärke 1)Seite 21
Lichtstärke 1) Seite 21
Lichtstrom 7) Seite 21
(min.) Iv [mcd]
(max.) Iv [mcd]
(typ.) ΦV [mlm]
V2
900
1120
3030
AA
1120
1400
3780
AB
1400
1800
4800
BA
1800
2240
6060
BB
2240
2800
7560
Note:
The standard shipping format for serial types includes a grouping of only a few brightness groups. Individual brightness groups cannot be ordered.
Anm.:
Die Standardlieferform von Serientypen beinhaltet eine Sammelgruppe, die aus nur wenigen Helligkeitsgruppen besteht. Einzelne Helligkeitsgruppen
sind nicht bestellbar.
Group
Gruppe
(min.) VF [V] (max.) VF [V]
3A
1.80
1.95
3B
1.95
2.10
4A
2.10
2.25
4B
2.25
2.40
5A
2.40
2.55
5B
2.55
2.70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com