Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW1146 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJW1146
Description  Audio Processor with BBE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1146 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJW1146 Datasheet HTML 3Page - New Japan Radio NJW1146 Datasheet HTML 4Page - New Japan Radio NJW1146 Datasheet HTML 5Page - New Japan Radio NJW1146 Datasheet HTML 6Page - New Japan Radio NJW1146 Datasheet HTML 7Page - New Japan Radio NJW1146 Datasheet HTML 8Page - New Japan Radio NJW1146 Datasheet HTML 9Page - New Japan Radio NJW1146 Datasheet HTML 10Page - New Japan Radio NJW1146 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
NJW1146
– 7 –
PRELIMINARY
s
s
s
s
APPLICATION CIRCUIT 2 (Sub-Woofer output)
1µF
+
3.3nF
33nF
2.2nF
100nF
+
+
4.7µF
4.7µF
1µF
+
+
4.7µF
330nF
100nF
2.2nF
33nF
3.3nF
22nF
1µF
+
1µF
+
1µF
+
4.7µF
+
+
100µF
1µF
+
1µF
+
3.9kΩ
3.9kΩ
INa
ealaFil
BBE1a
BBE2a
TONE-Ha
TONE-La
OUTa
LFINa
LFOUTa
AGC
CBH
LFOUTb
LFINb
OUTb
TONE-Lb
TONE-Hb
BBE2b
BBE1b
CSR
INb
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
NJW1146
CVA
CVB
SDA
SCL
GND
CBL
CTH
CTL
VREF
V+
0.22µF
0.22µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com