Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54T Datasheet(PDF) 4 Page - Diodes Incorporated

Part # BAT54T
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT54T Datasheet(HTML) 4 Page - Diodes Incorporated

  BAT54T Datasheet HTML 1Page - Diodes Incorporated BAT54T Datasheet HTML 2Page - Diodes Incorporated BAT54T Datasheet HTML 3Page - Diodes Incorporated BAT54T Datasheet HTML 4Page - Diodes Incorporated BAT54T Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BAT54T/AT/CT/ST
Document number: DS30259 Rev. 16 - 2
4 of 5
www.diodes.com
May 2018
© Diodes Incorporated
BAT54T/AT/CT/ST
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
SOT523
E1
E
b
e1
D
A3
e
A2
A1
L
c
a
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
SOT523
Y1
X
Y
X1
C
Note:
The suggested land pattern dimensions have been provided for reference only, as actual pad layouts may vary depending on application. These dimensions
may be modified based on user equipment capability or fabrication criteria. A more robust pattern may be desired for wave soldering and is calculated by
adding 0.2 mm to the ‘Z’ dimension. For further information, please reference document IPC-7351A, Naming Convention for Standard SMT Land Patterns,
and for International grid details, please see document IEC, Publication 97.
Note:
For high voltage applications, the appropriate industry sector guidelines should be considered with regards to creepage and clearance distances between
device Terminals and PCB tracking.
SOT523
Dim
Min
Max
Typ
A1
0.00
0.10
0.05
A2
0.60
0.80
0.75
A3
0.45
0.65
0.50
b
0.15
0.30
0.22
c
0.10
0.20
0.12
D
1.50
1.70
1.60
E
1.45
1.75
1.60
E1
0.75
0.85
0.80
e
0.50 BSC
e1
0.90
1.10
1.00
L
0.20
0.40
0.33
a
0
°
--
8
°
All Dimensions in mm
Dimensions
Value
(in mm)
C
1.29
X
0.40
X1
0.70
Y
0.51
Y1
1.80



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com