Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW1147 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJW1147
Description  AUDIO PROCESSOR with BBE ViVA
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1147 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJW1147 Datasheet HTML 3Page - New Japan Radio NJW1147 Datasheet HTML 4Page - New Japan Radio NJW1147 Datasheet HTML 5Page - New Japan Radio NJW1147 Datasheet HTML 6Page - New Japan Radio NJW1147 Datasheet HTML 7Page - New Japan Radio NJW1147 Datasheet HTML 8Page - New Japan Radio NJW1147 Datasheet HTML 9Page - New Japan Radio NJW1147 Datasheet HTML 10Page - New Japan Radio NJW1147 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
NJW1147
-7 -
!TERMINAL DESCRIPTION
No.
SYMBOL
FUNCTION
EQUIVALENT CIRCUIT
VOLTAGE
1
30
INa
INb
Ach Input terminal
Bch Input terminal
V+/2
4
8
23
27
BBE OUTa
OUTa
OUTb
BBE OUTb
Ach Output for the Other Accessories
Ach Output
Bch Output
Bch Output for the Other Accessories
V+/2
10
SS-FIL
Simulated Stereo Filter
terminal
V+/2
2
3
28
29
BBE1a
BBE2a
BBE2b
BBE1b
Ach BBE Filter1 (Process)
Ach BBE Filter2 (Lo Contour)
Bch BBE Filter2 (Lo Contour)
Bch BBE Filter1 (Process)
V+/2
6
25
TONE-Ha
TONE-Hb
Treble (tone control) filter terminal
V+/2
5.3 k
FB
10pin
V+
4, 8
23,27pin
FB
50
FB
2,3
28,29pin
FB
10k
6, 25pin
80k
20k
Vref
1,30 pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com