Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54SW-7-F Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAT54SW-7-F
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT54SW-7-F Datasheet(HTML) 1 Page - Diodes Incorporated

  BAT54SW-7-F Datasheet HTML 1Page - Diodes Incorporated BAT54SW-7-F Datasheet HTML 2Page - Diodes Incorporated BAT54SW-7-F Datasheet HTML 3Page - Diodes Incorporated BAT54SW-7-F Datasheet HTML 4Page - Diodes Incorporated BAT54SW-7-F Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BAT54W /AW /CW /SW
Document number: DS30065 Rev. 16 - 2
1 of 5
www.diodes.com
January 2018
© Diodes Incorporated
BAT54W /AW /CW /SW
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Product Summary (@ +25°C)
VRRM (V)
IF (mA)
VF Max
(mV)
@ 1mA
IR Max (µA)
@ 25V
30
200
320
2
Applications
SMPS
DC-DC Converter
Freewheeling Diodes
Reverse Polarity Protection
Blocking Diodes
Features and Benefits
Low Forward Voltage Drop
Fast Switching
Ultra-Small Surface Mount Package
PN Junction Guard Ring for Transient and ESD Protection
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
An Automotive-Compliant Part is Available Under Separate
Datasheet (BAT54WQ /AWQ /CWQ /SWQ)
Mechanical Data
Case: SOT323
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Finish Annealed over Alloy 42 Leadframe.
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
Polarity: See Diagrams Below
Weight: 0.006 grams (Approximate)
SOT323
Top View
BAT54W
BAT54AW
BAT54CW
BAT54SW
Ordering Information (Note 4)
Part Number
Compliance
Case
Packaging
BAT54W-7-F
Standard
SOT323
3000/Tape & Reel
BAT54W-13-F
Standard
SOT323
10000/Tape & Reel
BAT54AW-7-F
Standard
SOT323
3000/Tape & Reel
BAT54AW-13-F
Standard
SOT323
10000/Tape & Reel
BAT54CW-7-F
Standard
SOT323
3000/Tape & Reel
BAT54CW-13-F
Standard
SOT323
10000/Tape & Reel
BAT54SW-7-F
Standard
SOT323
3000/Tape & Reel
BAT54SW-13-F
Standard
SOT323
10000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
Date Code Key
Year
2010
2011
2012
2013
2014
2015
2016
2017
2018
2019
2020
2021
2022
2023
2024
Code
X
Y
Z
A
B
C
D
E
F
G
H
I
J
K
L
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
xxx = Product Type Marking Code
KL5 = BAT54W
KL6 = BAT54AW
KL7 = BAT54CW
KL8 = BAT54SW
YM = Date Code Marking
Y = Year (ex: E = 2017)
M = Month (ex: 9 = September)
xxx


Similar Part No. - BAT54SW-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT54SW-7-F DIODES-BAT54SW-7-F Datasheet
370Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30065 Rev. 9 - 2
BAT54SW-7-F DIODES-BAT54SW-7-F Datasheet
129Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30065 Rev. 11 - 2
BAT54SW-7-F DIODES-BAT54SW-7-F Datasheet
110Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev 12
BAT54SW-7-F DIODES-BAT54SW-7-F Datasheet
201Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev 15
More results

Similar Description - BAT54SW-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5711WS DIODES-1N5711WS Datasheet
64Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS31033 Rev. 12 - 2
BAS70W DIODES-BAS70W Datasheet
53Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717 WTE-MMBD717 Datasheet
44Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717WS WTE-MMBD717WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS0520 WTE-SS0520_06 Datasheet
51Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
GTM CORPORATION
GD420SD GTM-GD420SD Datasheet
161Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD421SD GTM-GD421SD Datasheet
170Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GDBAS40 GTM-GDBAS40 Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com