Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD103AWS Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SD103AWS
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SD103AWS Datasheet(HTML) 2 Page - Diodes Incorporated

  SD103AWS Datasheet HTML 1Page - Diodes Incorporated SD103AWS Datasheet HTML 2Page - Diodes Incorporated SD103AWS Datasheet HTML 3Page - Diodes Incorporated SD103AWS Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SD103AWS - SD103CWS
Document number: DS30101 Rev. 19 - 2
2 of 4
www.diodes.com
January 2017
© Diodes Incorporated
SD103AWS - SD103CWS
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
SD103AWS
SD103BWS
SD103CWS
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
30
20
V
RMS Reverse Voltage
VR(RMS)
28
21
14
V
Forward Continuous Current (Note 6)
IFM
350
mA
Non-Repetitive Peak Forward Surge Current
@ 8.3ms Half-Sine Waveform
IFSM
1.5
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 6)
PD
200
mW
Thermal Resistance, Junction to Ambient Air (Note 6)
RJA
625
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +125
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Reverse Breakdown Voltage (Note 7)
SD103AWS
SD103BWS
SD103CWS
V(BR)R
40
30
20
V
IR = 100µA
IR = 100µA
IR = 100µA
Forward Voltage Drop
VF
0.37
0.60
V
IF = 20mA
IF = 200mA
Peak Reverse Current (Note 7)
SD103AWS
SD103BWS
SD103CWS
IR
5.0
µA
VR = 30V
VR = 20V
VR = 10V
Total Capacitance
CT
35
pF
VR = 0V, f = 1.0MHz
Reverse Recovery Time
trr
10
ns
IF = IR = 200mA,
Irr = 0.1 x IR, RL = 100Ω
Notes:
6. Device mounted on Alumina ceramic PC board, single-sided, 2oz copper pad area 25mm
2.
7. Short duration test pulse used to minimize self-heating effect.
0.01
0.1
1
0.001
0.0001
0
600
400
200
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
F
Fig. 1 Typical Forward Characteristics
T = 25 C
A
T = 75 C
A
T = 125 C
A
T = 0 C
A
T = -40 C
A
0.01
0.1
1
10
100
1,000
0
5
10
15
35
30
25
20
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 2 Typical Reverse Characteristics
R
40



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com