Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD103CWS-7-F Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SD103CWS-7-F
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SD103CWS-7-F Datasheet(HTML) 1 Page - Diodes Incorporated

  SD103CWS-7-F Datasheet HTML 1Page - Diodes Incorporated SD103CWS-7-F Datasheet HTML 2Page - Diodes Incorporated SD103CWS-7-F Datasheet HTML 3Page - Diodes Incorporated SD103CWS-7-F Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SD103AWS - SD103CWS
Document number: DS30101 Rev. 19 - 2
1 of 4
www.diodes.com
January 2017
© Diodes Incorporated
SD103AWS - SD103CWS
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Product Summary
VR(V)
IFM (mA)
VF MAX (V)
@ 20mA, +25°C
IR MAX (µA)
@ VR, +25°C
20
350
0.37
5.0
30
40
Description and Applications
This Schottky Barrier Rectifier has been designed to meet the
stringent requirements of Automotive Applications. It is ideally suited
to use as a:
Polarity Protection Diode
Re-circulating Diode
Switching Diode
Features and Benefits
Low Forward Voltage Drop
Guard Ring Construction for Transient Protection
Negligible Reverse Recovery Time
Low Reverse Capacitance
Ultra-Small Surface Mount Package
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP Capable (Note 4)
Mechanical Data
Case: SOD323
Case Material: Molded Plastic.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Leads: Solderable per MIL-STD-202, Method 208
Lead-free Plating (Matte Tin Finish Annealed over
Alloy 42 Leadframe).
Polarity: Cathode Band
Weight: 0.004 grams (Approximate)
Ordering Information (Note 5)
Part Number
Compliance
Case
Packaging
SD103AWS-7-F
AEC-Q101
SOD-323
3,000/Tape & Reel
SD103AWSQ-7-F
Automotive
SOD-323
3,000/Tape & Reel
SD103BWS-7-F
AEC-Q101
SOD-323
3,000/Tape & Reel
SD103CWS-7-F
AEC-Q101
SOD-323
3,000/Tape & Reel
SD103BWSQ-7-F
Automotive
SOD-323
3,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2.
See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Automotive, AEC-Q101 and standard products are electrically and thermally the
same, except where specified. For more information, please refer to http://www.diodes.com/quality/product_compliance_definitions/.
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Top View
xx = Product Type Marking Code
S4 = SD103AWS
S5 or S4 = SD103BWS
S6 or S5 or S4 = SD103CWS
XX


Similar Part No. - SD103CWS-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SD103CWS-7-F DIODES-SD103CWS-7-F Datasheet
406Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30101 Rev. 14 - 2
SD103CWS-7-F DIODES-SD103CWS-7-F Datasheet
112Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
S30101 Rev. 16 - 2
SD103CWS-7-F DIODES-SD103CWS-7-F Datasheet
188Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev erse
More results

Similar Description - SD103CWS-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5711WS DIODES-1N5711WS Datasheet
64Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS31033 Rev. 12 - 2
BAS70W DIODES-BAS70W Datasheet
53Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717 WTE-MMBD717 Datasheet
44Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717WS WTE-MMBD717WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS0520 WTE-SS0520_06 Datasheet
51Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
GTM CORPORATION
GD420SD GTM-GD420SD Datasheet
161Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD421SD GTM-GD421SD Datasheet
170Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GDBAS40 GTM-GDBAS40 Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com