Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACM2012D Datasheet(PDF) 6 Page - TDK Electronics

Part # ACM2012D
Description  Common Mode Filters For ultra high-speed differential signal line
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACM2012D Datasheet(HTML) 6 Page - TDK Electronics

  ACM2012D Datasheet HTML 1Page - TDK Electronics ACM2012D Datasheet HTML 2Page - TDK Electronics ACM2012D Datasheet HTML 3Page - TDK Electronics ACM2012D Datasheet HTML 4Page - TDK Electronics ACM2012D Datasheet HTML 5Page - TDK Electronics ACM2012D Datasheet HTML 6Page - TDK Electronics ACM2012D Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
(6/7)
20160708 / cmf_commercial_signal_acm2012d_en.fm
EMC Components
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
*
ACM2012D Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
○ Measurement equipment
* Equivalent measurement equipment may be used.
IMPEDANCE VS. FREQUENCY CHARACTERISTICS
○ Measurement equipment
* Equivalent measurement equipment may be used.
Common mode
impedance
[at 100MHz]
DC resistance
[1 line]
Rated current Rated voltage Insulation
resistance
Cutoff
frequency
Characteristic
impedance
Part No.
(
)min.
(
)typ.
(
)max.
(mA)max.
(V)max.
(M
)min.
(GHz)typ.
(
)typ.
65
90
0.30
300
20
10
3.5
100
ACM2012D-900-2P-T00
Measurement item
Product No.
Manufacturer
Common mode impedance
4991A
Keysight Technologies
DC resistance
4338A
Keysight Technologies
Insulation resistance
4339A
Keysight Technologies
Product No.
Manufacturer
4991A
Keysight Technologies
1
10
100
10000
1000
10000
1000
1
10
100
Frequency (MHz)
900 Common mode
900 Differential mode



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com